Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 14Page - Renesas Technology Corp 3822 Datasheet HTML 15Page - Renesas Technology Corp 3822 Datasheet HTML 16Page - Renesas Technology Corp 3822 Datasheet HTML 17Page - Renesas Technology Corp 3822 Datasheet HTML 18Page - Renesas Technology Corp 3822 Datasheet HTML 19Page - Renesas Technology Corp 3822 Datasheet HTML 20Page - Renesas Technology Corp 3822 Datasheet HTML 21Page - Renesas Technology Corp 3822 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 328 page
background image
1-3
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3822 Group
PIN CONFIGURATION (TOP VIEW)
Package type : 80P6S-A/80P6D-A
80-pin plastic-molded QFP
M38223M4-XXXGP
M38223M4-XXXHP
P41/
φ
P40
XIN
XOUT
VSS
P27
P26
P25
P24
P23
P22
P21
P20
RESET
P70/XCOUT
P71/XCIN
VCC
SEG6
SEG7
SEG5
SEG3
SEG4
SEG2
SEG1
SEG0
VREF
AVSS
COM2
COM3
COM1
COM0
VL3
VL2
VL1
P43/INT1
P42/INT0
SEG8
SEG9
P16/SEG30
P17/SEG31
21
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
23
22
24
80
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
78
79
77
Fig. 2 Pin configuration of M38223M4-XXXGP/HP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com