Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 67Page - Renesas Technology Corp 3822 Datasheet HTML 68Page - Renesas Technology Corp 3822 Datasheet HTML 69Page - Renesas Technology Corp 3822 Datasheet HTML 70Page - Renesas Technology Corp 3822 Datasheet HTML 71Page - Renesas Technology Corp 3822 Datasheet HTML 72Page - Renesas Technology Corp 3822 Datasheet HTML 73Page - Renesas Technology Corp 3822 Datasheet HTML 74Page - Renesas Technology Corp 3822 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 328 page
background image
2.1 I/O pins
APPLICATION
3822 GROUP USER’S MANUAL
2–5
Fig. 2.1.4 Port direction register setting example
(3) Pull-up control and pull-down control
The ports shown in Table 2.1.3 are controlled for pull-up and pull-down by software. Either pull-up or
pull-down is controlled by the PULL register A (address 001616) and the PULL register B (address
001716). Figure 2.1.5 shows the structure of the PULL register A and Figure 2.1.6 shows the structure
of the PULL register B.
Ports
Control
Table 2.1.3 I/O ports which either pull-up or pull-down is controlled by software
Pull-down
Pull-up
P0, P1, P3
P2, P41 to P47, P5 to P7
Example : When setting “6B16”
to the port P2 direction register
P27
P26
P25
P24
P23
P22
P21
P20
Input/output direction of port P2
Output
Input
Output
Output
Output
Output
Input
Input
b7
b0
01
1
0
1 0
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com