Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 5 Page - Renesas Technology Corp

  3822 Datasheet HTML 1Page - Renesas Technology Corp 3822 Datasheet HTML 2Page - Renesas Technology Corp 3822 Datasheet HTML 3Page - Renesas Technology Corp 3822 Datasheet HTML 4Page - Renesas Technology Corp 3822 Datasheet HTML 5Page - Renesas Technology Corp 3822 Datasheet HTML 6Page - Renesas Technology Corp 3822 Datasheet HTML 7Page - Renesas Technology Corp 3822 Datasheet HTML 8Page - Renesas Technology Corp 3822 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 328 page
background image
BEFORE USING THIS USER’S MANUAL
This user’s manual consists of the following three chapters. Refer to the chapter appropriate to your conditions, such
as hardware design or software development.
1. Organization
q CHAPTER 1 HARDWARE
This chapter describes features of the microcomputer, operation of each peripheral function and electric
characteristics.
q CHAPTER 2 APPLICATION
This chapter describes usage and application examples of peripheral functions, based mainly on setting examples
of related registers.
q CHAPTER 3 APPENDIX
This chapter includes precautions for systems development using the microcomputer, a list of control registers,
the masking confirmation forms (mask ROM version), ROM programming confirmation forms (One Time PROM
version) and mark specification forms which are to be submitted when ordering.
2. Structure of register
The figure of each register structure describes its functions, contents at reset, and attributes as follows :
1
0 : f(XIN)/2
(high-speed mode)
2: Bit attributes••••••The attributes of control register bits are classified into 3 types : read-only, write-only
and read and write. In the figure, these attributes are represented as follows :
: Bit in which nothing is allocated
Name
Functions
At reset
RW
B
0
1
2
3
0
0
0
1
7
b0
b1
b2
b3
b4
b5
b6
b7
Values immediately after reset release
Bit attributes
(Note 1)
Processor mode bits
Stack page selection bit
Fix this bit to “1.”
Internal system clock selection bit
00: Single-chip mode
01:
10:
11:
Not available
b1b0
0 : 0 page
1 : 1 page
0 : XIN-XOUT selected
(middle-/high-speed mode)
1 : XCIN-XCOUT selected
(low-speed mode)
: Bit that is not used for control of the corresponding function
1
Notes 1: Values immediately after reset release
0••••••“0” at reset release
1••••••“1” at reset release
?••••••Undefined or reset release
(Note 2)
0
CPU mode register (CPUM) [Address:3B16]
Bits
••••••Read enabled
••••••Read disabled
••••••Fixed to “0”
••••••Fixed to “1”
!
0
1
1 : f(XIN)/8
(middle-speed mode)
5
6
0
Main clock division ratio
selection bit
1 : Stopped
Main clock (XIN–XOUT) stop bit
0
!
0 : Oscillating
Port XC switch bit
0 : I/O port
1 : XCIN, XCOUT
11
R••••••Read
••••••Write enabled
••••••Write disabled
••••••Only “0” write enabled
••••••Fix to “0”
••••••Fix to “1”
!
V
0
1
W••••••Write
4
0 : f(XIN)/2
(high-speed mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com