Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 81Page - Renesas Technology Corp 3822 Datasheet HTML 82Page - Renesas Technology Corp 3822 Datasheet HTML 83Page - Renesas Technology Corp 3822 Datasheet HTML 84Page - Renesas Technology Corp 3822 Datasheet HTML 85Page - Renesas Technology Corp 3822 Datasheet HTML 86Page - Renesas Technology Corp 3822 Datasheet HTML 87Page - Renesas Technology Corp 3822 Datasheet HTML 88Page - Renesas Technology Corp 3822 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 328 page
background image
2.2 Interrupts
APPLICATION
2–19
3822 GROUP USER’S MANUAL
An interrupt request bit, an interrupt enable bit and an interrupt disable flag function independently and do
not affect each other. An interrupt is accepted when all the following conditions are satisfied.
qInterrupt request bit — “1”
qInterrupt enable bit — “1”
qInterrupt disable flag — “0”
Though the interrupt priority is determined by software, a variety of priority processing can be performed
by software using the above bits and flag.
Table 2.2.2 shows a list of interrupt bits for individual interrupt sources.
(1) Interrupt request bits
The interrupt request bits are allocated to the interrupt request register 1 (address 003C16) and
interrupt request register 2 (address 003D16).
The occurrence of an interrupt request causes the corresponding interrupt request bit to be set to “1.”
The interrupt request bit is held in the “1” state until the interrupt is accepted. When the interrupt is
accepted, this bit is automatically cleared to “0.”
Each interrupt request bit can be set to “0” by software, but it cannot be set to “1” by software.
Fig. 2.2.5 Interrupt control diagram
2.2.2 Control
For interrupts except the BRK instruction interrupt, the acceptance of interrupt can be controlled by an
interrupt request bit, an interrupt enable bit, and an interrupt disable flag. In this section, control of inter-
rupts except the BRK instruction interrupt is described and Figure 2.2.5 shows an interrupt control diagram.
Interrupt request bit
Interrupt enable bit
Interrupt disable flag
BRK instruction
Reset
Interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com