Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 61Page - Renesas Technology Corp 3822 Datasheet HTML 62Page - Renesas Technology Corp 3822 Datasheet HTML 63Page - Renesas Technology Corp 3822 Datasheet HTML 64Page - Renesas Technology Corp 3822 Datasheet HTML 65Page - Renesas Technology Corp 3822 Datasheet HTML 66Page - Renesas Technology Corp 3822 Datasheet HTML 67Page - Renesas Technology Corp 3822 Datasheet HTML 68Page - Renesas Technology Corp 3822 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 328 page
background image
1-50
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3822 Group
Measurement output pin
100 pF
CMOS output
Note : When bit 4 of the UART
control register (address 001B 16) is “1”.
(N-channel open-drain output mode)
N-channel open-drain output (Note)
1 k
Ω
100 pF
Measurement output pin
SWITCHING CHARACTERISTICS 1(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85
°C, unless otherwise noted.
Notes 1 : When the P45/TXD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
2 : XOUT and XCOUT pins are excluded.
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time (Note 1)
Serial I/O output valid time (Note 1)
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time (Note 2)
CMOS output falling time (Note 2)
140
30
30
30
30
Symbol
Parameter
Limits
Min.
ns
ns
ns
ns
ns
ns
ns
ns
Unit
tc(SCLK)/2–30
tc(SCLK)/2–30
–30
10
10
Typ.
Max.
twH(SCLK)
twL(SCLK)
td(SCLK–TXD)
tv(SCLK–TXD)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
Extended operating temperature version : VCC = 3.0 to 5.5 V, Ta = –40 to –20
°C and VCC = 2.5 to 5.5 V, Ta = –20 to 85°C)
Fig. 43 Circuit for measuring output switching characteristics (1)
SWITCHING CHARACTERISTICS 2 (VCC = 2.5 to 4.0 V, VSS = 0 V, Ta = –20 to 85
°C, unless otherwise noted.
Notes 1 : When the P45/TXD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
2 : XOUT and XCOUT pins are excluded.
Extended operating temperature version : VCC = 3.0 to 5.5 V, Ta = –40 to –20
°C and VCC = 2.5 to 5.5 V, Ta = –20 to 85°C)
Serial I/O clock output “H” pulse width
Serial I/O clock output “L” pulse width
Serial I/O output delay time (Note 1)
Serial I/O output valid time (Note 1)
Serial I/O clock output rising time
Serial I/O clock output falling time
CMOS output rising time (Note 2)
CMOS output falling time (Note 2)
350
50
50
50
50
Symbol
Parameter
Limits
Min.
ns
ns
ns
ns
ns
ns
ns
ns
Unit
tc(SCLK)/2–50
tc(SCLK)/2–50
–30
20
20
Max.
twH(SCLK)
twL(SCLK)
td(SCLK–TXD)
tv(SCLK–TXD)
tr(SCLK)
tf(SCLK)
tr(CMOS)
tf(CMOS)
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com