Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 59Page - Renesas Technology Corp 3822 Datasheet HTML 60Page - Renesas Technology Corp 3822 Datasheet HTML 61Page - Renesas Technology Corp 3822 Datasheet HTML 62Page - Renesas Technology Corp 3822 Datasheet HTML 63Page - Renesas Technology Corp 3822 Datasheet HTML 64Page - Renesas Technology Corp 3822 Datasheet HTML 65Page - Renesas Technology Corp 3822 Datasheet HTML 66Page - Renesas Technology Corp 3822 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 328 page
background image
1-48
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3822 Group
A-D CONVERTER CHARACTERISTICS
(VCC = 4.0 to 5.5 V, VSS = 0 V, Ta = –20 to 85
°C, 4 MHz ≤ f(XIN) ≤ 8 MHz, middle-/high-speed mode, unless otherwise noted. Extended
operating temperature version : VCC = 3.0 to 5.5 V, Ta = –40 to –20
°C and VCC = 2.5 to 5.5 V, Ta = –20 to 85°C)
Symbol
Parameter
Limits
Min.
Unit
Typ.
Max.
Test conditions
–
–
tCONV
RLADDER
VREF
IIA
Resolution
Absolute accuracy (excluding quantization error)
Conversion time
Ladder resistor
Reference input current
Analog port input current
VCC = VREF = 5 V
12
50
Bits
LSB
µs
k
Ω
µA
µA
f(XIN) = 8 MHz
VREF = 5 V
12.5
(Note)
35
150
8
±2
100
200
5.0
Note : When an internal trigger is used in middle-speed mode, it is 14
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com