Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 64Page - Renesas Technology Corp 3822 Datasheet HTML 65Page - Renesas Technology Corp 3822 Datasheet HTML 66Page - Renesas Technology Corp 3822 Datasheet HTML 67Page - Renesas Technology Corp 3822 Datasheet HTML 68Page - Renesas Technology Corp 3822 Datasheet HTML 69Page - Renesas Technology Corp 3822 Datasheet HTML 70Page - Renesas Technology Corp 3822 Datasheet HTML 71Page - Renesas Technology Corp 3822 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 328 page
background image
APPLICATION
2.1 I/O pins
3822 GROUP USER’S MANUAL
2–2
2.1 I/O pins
2.1.1 I/O ports
(1) I/O port write and read
sThe input-only ports and programmable I/O ports set for the input mode
The input-only ports and the programmable I/O ports set for the input mode are floating. The value
(pin state) input to the port is read by reading the port register corresponding to each port.
In writing data into the port register corresponding to each port, the data is only written to the port
register but the pin remains in the floating state.
sOutput-only ports and programmable I/O ports set for the output mode
The value written to the port register corresponding to an output port or a programmable I/O port set
for the output mode is output externally through a transistor.
In reading the data of the port transistor corresponding to each port, the pin state is not read but the
value written to the port register is read. Accordingly, even if the output “H” voltage is reduced or the
output “L” voltage is increased by external load, the previous output value is correctly read.
Fig. 2.1.1 I/O port write and read
At output : •An output value is set by writing to the
port register.
Port register
(at writing)
At input : •Writing to a port register is possible.
V : The P- and N-channel transistors are cut off.
Port register
(at reading)
Port direction
registerV
(“0”)
Read the pin state
Port
register
Port direction
register
(“1”)
“H” level output
“L” level output
•A pin state is read by reading the
port register.
•Reading a port register is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com