Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 93Page - Renesas Technology Corp 3822 Datasheet HTML 94Page - Renesas Technology Corp 3822 Datasheet HTML 95Page - Renesas Technology Corp 3822 Datasheet HTML 96Page - Renesas Technology Corp 3822 Datasheet HTML 97Page - Renesas Technology Corp 3822 Datasheet HTML 98Page - Renesas Technology Corp 3822 Datasheet HTML 99Page - Renesas Technology Corp 3822 Datasheet HTML 100Page - Renesas Technology Corp 3822 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 328 page
background image
2.2 Interrupts
APPLICATION
2–31
3822 GROUP USER’S MANUAL
2.2.6 Notes on use
When using interrupts, note the following.
(1) Register setting
sFix bit 7 of the interrupt control register 2 (address 003F16) to “0.” Nothing is allocated for this bit,
however, do not write “1” to it.
sWhen using I/O ports P42, P43, P50 and P51 as input ports, put the INT interrupts corresponding to
each port into the disabled state.
sWhen the active edges of the following interrupts are switched, the corresponding interrupt request
bit may be set to “1.” To avoid accepting an interrupt request, we recommend the register setting
example shown in Figure 2.2.17.
qINT0 interrupt to INT3 interrupt
qCNTR0 interrupt and CNTR1 interrupt
Fig. 2.2.17 Register setting example

Set the corresponding interrupt enable bit to “0”
Set the interrupt active edge
Set the corresponding interrupt request bit to “0”
Set the corresponding interrupt enable bit to “1”
Œ

Ž



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com