Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 95Page - Renesas Technology Corp 3822 Datasheet HTML 96Page - Renesas Technology Corp 3822 Datasheet HTML 97Page - Renesas Technology Corp 3822 Datasheet HTML 98Page - Renesas Technology Corp 3822 Datasheet HTML 99Page - Renesas Technology Corp 3822 Datasheet HTML 100Page - Renesas Technology Corp 3822 Datasheet HTML 101Page - Renesas Technology Corp 3822 Datasheet HTML 102Page - Renesas Technology Corp 3822 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 328 page
background image
2.3 Timer X and timer Y
APPLICATION
3822 GROUP USER’S MANUAL
2–33
Fig. 2.3.1 Timer mode operation example
Timer X interrupt
request bit
n16
1 : •Clearing by writing “0” to the timer X interrupt request bit.
•Clearing by accepting the timer X interrupt request when the timer X interrupt enable
bit is “1.”
000016
Time
RL
Timer X stop
control bit
Timer X interrupt
enable bit
1
1
1
1
Writing “1”
Writing “0”
Count stop
Count
source
Timer mode operation example
•UF
•RL
•n
Count period
Count period
T(s) = 1 ÷ count source frequency ! (the X counter initial value + 1)
RL
RL
RL
UF
UF
UF
UF
T
Count restart
: Underflow
: Reload
: The X counter initial value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com