Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 56Page - Renesas Technology Corp 3822 Datasheet HTML 57Page - Renesas Technology Corp 3822 Datasheet HTML 58Page - Renesas Technology Corp 3822 Datasheet HTML 59Page - Renesas Technology Corp 3822 Datasheet HTML 60Page - Renesas Technology Corp 3822 Datasheet HTML 61Page - Renesas Technology Corp 3822 Datasheet HTML 62Page - Renesas Technology Corp 3822 Datasheet HTML 63Page - Renesas Technology Corp 3822 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 328 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3822 Group
1-45
RECOMMENDED OPERATING CONDITIONS (VCC = 2.5 to 5.5 V, Ta = –20 to 85
°C, unless otherwise noted.
Extended operating temperature version : VCC = 3.0 to 5.5 V, Ta = –40 to –20
°C and VCC = 2.5 to 5.5 V, Ta = –20 to 85°C)
MHz
MHz
–40
–40
40
40
–20
–20
20
20
–2
–5
5
10
–1.0
–2.5
2.5
5.0
8.0
(4XVCC)–8
8.0
50
“H” total peak output current
P00–P07, P10–P17, P20–P27 (Note 1)
“H” total peak output current
P41–P47,P50–P57, P60–P67, P70, P71 (Note 1)
“L” total peak output current
P00–P07, P10–P17, P20–P27 (Note 1)
“L” total peak output current
P41–P47,P50–P57, P60–P67, P70, P71 (Note 1)
“H” total average output current P00–P07, P10–P17, P20–P27 (Note 1)
“H” total average output current P41–P47,P50–P57, P60–P67, P70, P71 (Note 1)
“L” total average output current P00–P07, P10–P17, P20–P27 (Note 1)
“L” total average output current P41–P47,P50–P57, P60–P67, P70, P71 (Note 1)
“H” peak output current
P00–P07, P10–P17 (Note 2)
“H” peak output current
P20–P27, P41–P47, P50–P57, P60–P67, P70, P71
(Note 2)
“L” peak output current
P00–P07, P10–P17 (Note 2)
“L” peak output current
P20–P27, P41–P47, P50–P57, P60–P67, P70, P71
(Note 2)
“H” average output current
P00–P07, P10–P17 (Note 3)
“H” average output current
P20–P27, P41–P47, P50–P57, P60–P67, P70, P71
(Note 3)
“L” average output current
P00–P07, P10–P17 (Note 3)
“L” average output current
P20–P27, P40–P47, P50–P57, P60–P67, P70, P71
(Note 3)
Input frequency
for timers X and Y
(duty cycle 50 %)
Main clock input oscillation
frequency (Note 4)
Sub-clock input oscillation frequency (Note 4, 5)
Notes 1 : The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an av-
erage value measured over 100 ms. The total peak current is the peak value of all the currents.
2 : The peak output current is the peak current flowing in each port.
3 : The average output current is an average value measured over 100 ms.
4 : When the oscillation frequency has a duty cycle of 50%.
5 : When using the microcomputer in low-speed mode, make sure that the sub-clock input oscillation frequency on condition that
f(XCIN) < f(XIN)/3.
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
IOH(peak)
IOH(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOH(avg)
IOL(avg)
IOL(avg)
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
Symbol
Parameter
Limits
Min.
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
kHz
Unit
Typ.
Max.
4.0 V
≤ VCC ≤ 5.5 V
2.5 V
≤ VCC ≤ 4.0 V
32.768
High-speed mode (4.0 V
≤ VCC ≤ 5.5 V)
High-speed mode (2.5 V
≤ VCC ≤ 4.0 V)
Middle-speed mode
4.0
(2XVCC)–4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com