Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 91Page - Renesas Technology Corp 3822 Datasheet HTML 92Page - Renesas Technology Corp 3822 Datasheet HTML 93Page - Renesas Technology Corp 3822 Datasheet HTML 94Page - Renesas Technology Corp 3822 Datasheet HTML 95Page - Renesas Technology Corp 3822 Datasheet HTML 96Page - Renesas Technology Corp 3822 Datasheet HTML 97Page - Renesas Technology Corp 3822 Datasheet HTML 98Page - Renesas Technology Corp 3822 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 328 page
background image
2.2 Interrupts
APPLICATION
2–29
3822 GROUP USER’S MANUAL
2.2.5 Key input interrupt
The Key input interrupt request occurs when an “L” level voltage is applied to the pin set for the input mode
of the port P2.
For interrupt sources except the INT interrupts and the Key input interrupt, refer to “CHAPTER 1”.
(1) Connection example when the Key input interrupt is used
When using the Key input interrupt, after set ports P20 to P23 for the input mode, configure an “L” level
valid key-matrix.
Figure 2.2.15 shows a connection example when the key input interrupt is used, and a port P2 block
diagram. In the connection example in Figure 2.2.15, an Key input interrupt request is caused by
pressing the key corresponding to one of ports P20 to P23.
Fig. 2.2.15 Connection example when key input interrupt is used, and port P2 block diagram
V1: P-channel transistor for pull-up
V2: CMOS output buffer
Port P20
latch
Port P2 direction register, b0 = “0”
V1
V2
Port P21
latch
Port P2 direction register, b1 = “0”
V1
V2
Port P22
latch
Port P2 direction register, b2 = “0”
V1
V2
Port P23
latch
Port P2 direction register, b3 = “0”
V1
V2
Port P24
latch
Port P2 direction register, b4 = “1”
V1
V2
Port P25
latch
Port P2 direction register, b5 = “1”
V1
V2
Port P26
latch
Port P2 direction register, b6 = “1”
V1
V2
Port P27
latch
Port P2 direction register, b7 = “1”
V1
V2
P27
output
Port PXx “L” level output
PULL register A, b2 = “1”
Port P2 input
reading circuit
Key input interrupt request
P26
output
P25
output
P24
output
P23
input
P22
input
P21
input
P20
input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com