Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 19Page - Renesas Technology Corp 3822 Datasheet HTML 20Page - Renesas Technology Corp 3822 Datasheet HTML 21Page - Renesas Technology Corp 3822 Datasheet HTML 22Page - Renesas Technology Corp 3822 Datasheet HTML 23Page - Renesas Technology Corp 3822 Datasheet HTML 24Page - Renesas Technology Corp 3822 Datasheet HTML 25Page - Renesas Technology Corp 3822 Datasheet HTML 26Page - Renesas Technology Corp 3822 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 328 page
background image
1-8
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3822 Group
GROUP EXPANSION
Mitsubishi plans to expand the 3822 group as follows:
(1) Support for mask ROM, One Time PROM, and EPROM
versions
(2) ROM/PROM size .......................................... 8 K to 16 K bytes
RAM size ....................................................... 384 to 512 bytes
(3) Packages
80P6N-A ............................. 0.8 mm-pitch plastic molded QFP
80P6S-A ........................... 0.65 mm-pitch plastic molded QFP
80P6D-A ............................. 0.5 mm-pitch plastic molded QFP
80D0 ................ 0.8 mm-pitch ceramic LCC (EPROM version)
Memory Expansion Plan
M38223M4/E4
Mass product
ROM size (bytes)
32K
28K
24K
20K
16K
12K
8K
4K
192 256
384
512
640
768
896
1024
RAM size (bytes)
M38223M2
Mass product
Fig. 5 Memory expansion plan (1)
RAM size (bytes)
512
384
Product
M38223M4-XXXFP
M38223E4-XXXFP
M38223E4FP
M38223M4-XXXGP
M38223E4-XXXGP
M38223E4GP
M38223M4-XXXHP
M38223E4-XXXHP
M38223E4HP
M38223E4FS
M38222M2-XXXFP
M38222M2-XXXGP
M38222M2-XXXHP
As of May 1996
Remarks
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Mask ROM version
One Time PROM version
One Time PROM version (blank)
Mask ROM version
One Time PROM version
One Time PROM version (blank)
EPROM version
Mask ROM version
Currently supported products are listed below.
Package
80P6N-A
80P6S-A
80P6D-A
80D0
80P6N-A
80P6S-A
80P6D-A
16384
(16254)
(P) ROM size (bytes)
ROM size for User in (
)
8192
(8062)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com