Electronic Components Datasheet Search
  English  ▼

X  

3822 Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # 3822
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3822 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button 3822 Datasheet HTML 66Page - Renesas Technology Corp 3822 Datasheet HTML 67Page - Renesas Technology Corp 3822 Datasheet HTML 68Page - Renesas Technology Corp 3822 Datasheet HTML 69Page - Renesas Technology Corp 3822 Datasheet HTML 70Page - Renesas Technology Corp 3822 Datasheet HTML 71Page - Renesas Technology Corp 3822 Datasheet HTML 72Page - Renesas Technology Corp 3822 Datasheet HTML 73Page - Renesas Technology Corp 3822 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 328 page
background image
APPLICATION
2.1 I/O pins
3822 GROUP USER’S MANUAL
2–4
Fig. 2.1.3 Structure of ports P0 and P1 direction registers
Port
Port direction register address
000116
000316
000516
000916
000B16
000D16
000F16
P7
Table 2.1.2 Memory allocation of port direction registers
P0
P1
P2
P4
P5
P6
b7 b6 b5 b4 b3 b2 b1 b0
Port P0 direction register (P0D) [Address 01 16]
Port P1 direction register (P1D) [Address 03 16]
B
Name
Functions
At reset R W
Port P0 direction register, port P1 direction register
0
1
to
7
Port P0 direction
register /
Port P1 direction
register
0 : All bits are input mode
1 : All bits are output mode
Note: In ports P0 and P1, input/output switching is performed by a port unit.
By setting bit 0 of the corresponding port direction register to “0”, the
port is set for the input mode. By setting to “1”, the port is set for the
output mode. Nothing is allocated for bits 1 to 7 of the port P0 dire-
ction register, and these bits cannot be written to.
Nothing is allocated. These bits cannot be written
to and be read out.
0
×
0
××



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com