| Electronic Components Datasheet Search |
|
3822 Datasheet(PDF) 74 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
3822 Datasheet(HTML) 74 Page - Renesas Technology Corp |
|
74 / 328 page ![]() APPLICATION 2.1 I/O pins 3822 GROUP USER’S MANUAL 2–8 2.1.3 Application examples The basic structure for key input without a pull-up resistor and an application examples of it are described below. In contrast to a method which uses a pull-up resistor, dissipating current incessantly, this method requires only a charging current for a very small capacitance, so it is especially suitable for a battery-driven unit. In the following description, ports A, B, C and D are only tentative names and differ from the real port names. (1) Basic structure for key input Fig. 2.1.7 Connection example 1 for key input Figure 2.1.7 shows a connection example 1 for key input without a pull-up resistor and Figure 2.1.8 shows the key input control procedure 1. Figure 2.1.9 shows a timing diagram 1 where switch A is pressed. Fig. 2.1.8 Key input control procedure 1 CMOS I/O port A CMOS I/O port B CMOS I/O port C SW A SW B SW C r = 10 k Ω Virtual capacitor (C) Key input Output “H” for charging to each port V1 V2 V3 V1 In the case of no key input, output “L” (Noise counter- measure). V2 A virtual capacitor (C) is charged by outputting “H.” (For capacitance, refer to the next page.) V3 Set the port direction register for input mode with an instruction immediately after “H” is output. (For the limit timer for ON/OFF judgment and the discharging time at ON, refer to the next page.) V4 For double reading to ensure data, repeat V2 and V3. V4 After inputting data into the port direction register, judge ON/OFF of key input. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |