| Electronic Components Datasheet Search |
|
4502 Datasheet(PDF) 169 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4502 Datasheet(HTML) 169 Page - Renesas Technology Corp |
|
169 / 214 page ![]() 2.8 Oscillation circuit 2-52 Rev.2.01 Feb 02, 2005 4502 Group APPLICATION REJ09B0193-0201 2.8.2 Oscillation operation System clock is supplied to CPU and peripheral device as the standard clock for the microcomputer operation. For the 4502 Group, the clock supplied from the on-chip oscillator (internal oscillator) or the ceramic resonance circuit, RC oscillation circuit is selected from the high-speed mode (f(XIN)), middle- speed mode (f(XIN)/2), low-speed mode (f(XIN)/4) or default mode (f(XIN)/8) with the register MR. Figure 2.8.5 shows the structure of the clock control circuit. Fig. 2.8.5 Structure of clock control circuit MR3, MR2 00 01 10 11 Q S QR Q S R CRCK instruction Q S R CMCK instruction Q S R RESET pin XOUT XIN Key-on wakeup signal Instruction clock Counter Wait time (Note 2) control circuit Program start signal RC oscillation circuit Division circuit divided by 8 divided by 4 divided by 2 Internal clock generation circuit (divided by 3) Notes 1: System operates by the on-chip oscillator clock (f(RING)) until the CMCK or CRCK instruction is executed after system is released from reset. 2: The wait time control circuit is used to generate the time required to stabilize the f(XIN) oscillation. After the certain oscillation stabilizing wait time elapses, the program start signal is output. This circuit operates when system is released from reset or returned from RAM back-up. System clock On-chip oscillator (internal oscillator) (Note 1) Multiplexer Ceramic resonator circuit POF or EPOF instruction + POF2 instruction |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |