Electronic Components Datasheet Search
  English  ▼

X  

4502 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # 4502
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4502 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button 4502 Datasheet HTML 166Page - Renesas Technology Corp 4502 Datasheet HTML 167Page - Renesas Technology Corp 4502 Datasheet HTML 168Page - Renesas Technology Corp 4502 Datasheet HTML 169Page - Renesas Technology Corp 4502 Datasheet HTML 170Page - Renesas Technology Corp 4502 Datasheet HTML 171Page - Renesas Technology Corp 4502 Datasheet HTML 172Page - Renesas Technology Corp 4502 Datasheet HTML 173Page - Renesas Technology Corp 4502 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 214 page
background image
2.8 Oscillation circuit
2-53
4502 Group
APPLICATION
Rev.2.01
Feb 02, 2005
REJ09B0193-0201
2.8.3 Notes on use
(1)
Clock control
Execute the CMCK or the CRCK instruction in the initial setting routine of program (executing it in
address 0 in page 0 is recommended).
The oscillation circuit by the CMCK or CRCK instruction can be selected only at once. The oscillation
circuit corresponding to the first executed one of these two instructions is valid. Other oscillation
circuits and the on-chip oscillator stop.
(2)
On-chip oscillator
The clock frequency of the on-chip oscillator depends on the supply voltage and the operation
temperature range.
Be careful that variable frequencies when designing application products.
Also, the oscillation stabilize wait time after system is released from reset is generated by the on-
chip oscillator clock. When considering the oscillation stabilize wait time after system is released
from reset, be careful that the variable frequency of the on-chip oscillator clock.
(3)
External clock
When the external signal clock is used as the source oscillation (f(XIN)), note that the RAM back-up
mode (POF and POF2 instructions) cannot be used.
(4)
Value of a part connected to an oscillator
Values of a capacitor and a resistor of the oscillation circuit depend on the connected oscillator and
the board. Accordingly, consult the oscillator manufacturer for values of each part connected the
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com