Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 369Page - Renesas Technology Corp 7721 Datasheet HTML 370Page - Renesas Technology Corp 7721 Datasheet HTML 371Page - Renesas Technology Corp 7721 Datasheet HTML 372Page - Renesas Technology Corp 7721 Datasheet HTML 373Page - Renesas Technology Corp 7721 Datasheet HTML 374Page - Renesas Technology Corp 7721 Datasheet HTML 375Page - Renesas Technology Corp 7721 Datasheet HTML 376Page - Renesas Technology Corp 7721 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 577 page
background image
DMA CONTROLLER
13-94
13.8 Link array chain transfer mode
7721 Group User’s Manual
Fig. 13.8.12 Timing diagram of cycle-steal transfer mode (3)
(sa1+2)L
1, 0 (DMAC)
1-unit transfer
Transition of right
to use bus
Data H
DataL
PCL
PCH
PG
H
PCL
PCH
PG
(da1+2)L
Data H
DataL
(sa1+2)M
(sa1+2)H
(da1+2)M
(da1+2)H
1, 1 (CPU)
q 1-unit transfer
1-unit transfer is performed with a DMAi request on the following conditions:
• Single transfer mode (except for the last 1-unit transfer)
• Repeat transfer mode (except for the last 1-unit transfer of block)
• Array chain transfer mode (except for the first and last 1-unit transfers of each block)
• Link array chain transfer mode (except for the first and last 1-unit transfers of each block)
1
ALE
E
R/W
A0–A7
A8/D8–A15/D15
A16/D0–A23/D7
Bus request sampling
DMAACKi
TC
ST1, ST0
Transition of right
to use bus
q The above figure is the example of the second 1-unit transfer for processing the first block in “Figure 13.8.9.”
q The Bus request caused by DRAM refresh, Hold, or DMA is sampled while the Bus request sampling signal is
“H,” and is accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com