Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 373Page - Renesas Technology Corp 7721 Datasheet HTML 374Page - Renesas Technology Corp 7721 Datasheet HTML 375Page - Renesas Technology Corp 7721 Datasheet HTML 376Page - Renesas Technology Corp 7721 Datasheet HTML 377Page - Renesas Technology Corp 7721 Datasheet HTML 378Page - Renesas Technology Corp 7721 Datasheet HTML 379Page - Renesas Technology Corp 7721 Datasheet HTML 380Page - Renesas Technology Corp 7721 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 577 page
background image
DMA CONTROLLER
13-98
13.9 DMA transfer time
7721 Group User’s Manual
13.9 DMA transfer time
Calculation of time from the CPU’s relinquishing the right to use bus until its regaining the right under the
following conditions is described with reference to cycles of
φ:
• A DMAi request is generated while the CPU holds the right to use bus.
• The above right is returned to the CPU after completion of DMA transfer for one DMA request.
For the time per 1-unit transfer, refer to section “13.4.1 (2) Bus operation in 2-bus cycle transfer” and
section “13.4.2 (2) Bus operation in 1-bus cycle transfer.”
Also, for the time from DMA request generation until the start of the DMA transfer, refer to section “13.3.4
Processing from DMA request until DMA transfer execution”: and for that from issuing instructions for
forced termination until returning the right to use bus to the CPU, refer to section “13.3.5 (2) Forced
termination.”
13.9.1 Cycle-steal transfer mode
(1)
1-unit transfer
In the following cases, 1-unit transfer is performed at one DMAi transfer. (Refer to “Figure 13.8.12.”)
• Single transfer mode: except for the last 1-unit transfer
• Repeat transfer mode: except for the last 1-unit transfer of a block
• Array chain transfer mode: except for the first and last 1-unit transfers of each block
• Link array chain transfer mode: except for the first and last 1-unit transfers of each block
Right to use
bus
Œ
Transfer

CPU
DMAC
CPU
Ž
Transition
Transition
Fig. 13.9.1 1-unit transfer
Œ Transition of the right to use bus from CPU to DMAC: 1 cycle
 DMA transfer per 1-transfer unit:
• In 2-bus cycle transfer···Read cycle + Write cycle
(Add a value which satisfies the read/write conditions. Refer to “Table 13.4.1.”)
• In 1-bus cycle transfer···Refer to “Table 13.4.5.”
Ž Transition of the right to use bus from DMAC to CPU: 1 cycle
[Example]
2-bus cycle transfer, transfer unit =16 bits, external data bus width = 16 bits, and under the following
conditions:
• Transfer source: address direction = forward, start address of data = even, with Wait
• Transfer destination: address direction = backward, start address of data = even, without
Wait
Œ +  + Ž = 1 + (3 + 4) + 1 = 9 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com