Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 374Page - Renesas Technology Corp 7721 Datasheet HTML 375Page - Renesas Technology Corp 7721 Datasheet HTML 376Page - Renesas Technology Corp 7721 Datasheet HTML 377Page - Renesas Technology Corp 7721 Datasheet HTML 378Page - Renesas Technology Corp 7721 Datasheet HTML 379Page - Renesas Technology Corp 7721 Datasheet HTML 380Page - Renesas Technology Corp 7721 Datasheet HTML 381Page - Renesas Technology Corp 7721 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 577 page
background image
7721 Group User’s Manual
13-99
DMA CONTROLLER
13.9 DMA transfer time
(2) Last transfer of each block
In the following cases, 1-unit transfer and the processing for 3 cycles are performed sequentially.
(Refer to “Figures 13.8.13 and 13.8.14.”)
• Single transfer mode: the last 1-unit transfer
• Repeat transfer mode: the last 1-unit transfer of a block
• Array chain transfer mode: the last 1-unit transfer of each block (including the last block)
• Link array chain transfer mode: the last 1-unit transfer of each block (including the last block)
Termination
etc.
Right to use
bus
CPU
DMAC
CPU
Transfer

Transition
Ž

Œ
Transition
Fig. 13.9.2 Last transfer of each block
Œ Transition of the right to use bus from CPU to DMAC: 1 cycle
 DMA transfer per 1-unit transfer:
• In 2-bus cycle transfer···Read cycle + Write cycle
(Add a value which satisfies the read/write conditions. Refer to “Table 13.4.1.”)
• In 1-bus cycle transfer···Refer to “Table 13.4.5.”
Ž Terminate processing or the last processing of each block: 3 cycles
 Transition of the right to use bus from DMAC to CPU: 1 cycle
[Example]
2-bus cycle transfer, transfer unit =16 bits, external data bus width = 16 bits, and under the following
conditions:
• Transfer source: address direction = forward, start address of data = even, with Wait
• Transfer destination: address direction = backward, start address of data = even, without Wait
Œ +  + Ž +  = 1 + (3 + 4) + 3 + 1 = 12 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com