Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 378Page - Renesas Technology Corp 7721 Datasheet HTML 379Page - Renesas Technology Corp 7721 Datasheet HTML 380Page - Renesas Technology Corp 7721 Datasheet HTML 381Page - Renesas Technology Corp 7721 Datasheet HTML 382Page - Renesas Technology Corp 7721 Datasheet HTML 383Page - Renesas Technology Corp 7721 Datasheet HTML 384Page - Renesas Technology Corp 7721 Datasheet HTML 385Page - Renesas Technology Corp 7721 Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 577 page
background image
7721 Group User’s Manual
13-103
DMA CONTROLLER
13.9 DMA transfer time
Ž
CPU
DMAC
CPU
Right to use
bus
1 block
Array state Transfer

Array state

Transfer
‘

Transition
Termination
Ž
Ž

Œ
Transition
(3)
Array chain transfer mode and Link array chain transfer mode
Fig 13.9.6 Array chain transfer mode and Link array chain transfer mode
Œ Transition of the right to use bus from CPU to DMAC: 1 cycle
 Array state:
The number of transfer parameters
× the number of reads of a transfer parameter× the number
of bus cycles for a read + 1 cycle (Refer to “Table 13.9.1.”)
Ž DMA transfer per an entire batch of data:
• In 2-bus cycle transfer···(Read cycle + Write cycleg1
) × the number of transfersg2
g1: Add a value which satisfies the read/write conditions. Refer to “Table 13.4.1.”
g2: When the transfer unit is 16 bits, the number of transfers = the number of transfer
bytes/2
When the transfer unit is 8 bits, the number of transfers = the number of transfer bytes
• In 1-bus cycle transfer···Refer to “Table 13.4.5.”
 Last processing of each block: 3 cycles
 Terminate processing: 3 cycles
‘ Transition of the right to use bus from DMAC to CPU: 1 cycle
[Example]
Array chain transfer mode, external data bus width = 16 bits, 2-bus cycle transfer, transfer unit =16
bits, the number of transfer blocks = 3, and under the following conditions:
• Transfer source: address direction = forward, without Wait
• Transfer destination: address direction = backward, without Wait
• First block: transfer source’s data start address = even, transfer destination’s data start address
= even, the number of transfer bytes =10 bytes
• Second block: transfer source’s data start address = even, transfer destination’s data start address
=odd, the number of transfer bytes =12 bytes
• Third block: transfer source’s data start address =odd, transfer destination’s data start address
=odd, the number of transfer bytes =14 bytes
Œ +  + Ž +  +  + Ž +  +  + Ž +  + ‘
= 1 + 19 + 5(2 + 4) + 3 + 19 + 6(2 + 3) + 3 + 19 + 7(4 + 3) + 3 + 1 = 177 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com