Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 231Page - Renesas Technology Corp 7721 Datasheet HTML 232Page - Renesas Technology Corp 7721 Datasheet HTML 233Page - Renesas Technology Corp 7721 Datasheet HTML 234Page - Renesas Technology Corp 7721 Datasheet HTML 235Page - Renesas Technology Corp 7721 Datasheet HTML 236Page - Renesas Technology Corp 7721 Datasheet HTML 237Page - Renesas Technology Corp 7721 Datasheet HTML 238Page - Renesas Technology Corp 7721 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–32
11.4 Clock asynchronous serial I/O (UART) mode
11.4.1 Transfer rate (Frequency of transfer clock)
The transfer rate is determined by the BRGi (addresses 3116, 3916).
When setting “n” into BRGi, BRGi divides the count source frequency by (n + 1). The BRGi’s output is
further divided by 16, and the resultant clock becomes the transfer clock. Accordingly, “n” is expressed by
the following formula.
n =
— 1
F
16 ! B
n: Value set in BRGi (0016 to FF16)
F: BRGi’s count source frequency (Hz)
B: Transfer rate (bps)
An internal clock or an external clock can be selected as the BRGi’s count source with the internal/external
clock select bit (bit 3 at addresses 3016, 3816). When an internal clock is selected, the clock selected with
the BRG count source select bits (bits 0 and 1 at addresses 3416, 3C16) becomes the BRGi’s count source.
When an external clock is selected, the clock input to the CLKi pin becomes the BRGi’s count source.
Set the same transfer rate for both transmitter and receiver sides. Tables 11.4.3 and 11.4.4 list the setting
examples of transfer rate.
Table 11.4.3 Setting examples of transfer rate (1)
BRGi’s set
value : n
79 (4F16)
159 (9F16)
79 (4F16)
39 (2716)
159 (9F16)
79 (4F16)
52 (3416)
39 (2716)
19 (1316)
Actual time
(bps)
300.00
600.00
1200.00
2400.00
4800.00
9600.00
14490.57
19200.00
38400.00
BRGi’s
count source
f64
f16
f16
f16
f2
f2
f2
f2
f2
BRGi’s set
value : n
80 (5016)
162 (A216)
80 (5016)
40 (2816)
162 (A216)
80 (5016)
53 (3516)
40 (2816)
24 (1816)
Actual time
(bps)
301.41
599.12
1205.63
2381.86
4792.94
9645.06
14467.59
19054.58
31250.00
BRGi’s
count source
f64
f16
f16
f16
f2
f2
f2
f2
f2
f(XIN) = 25 MHz
f(XIN) = 24.576 MHz
Transfer
rate (bps)
300
600
1200
2400
4800
9600
14400
19200
31250
38400
BRGi’s set
value : n
71 (4716)
143 (8F16)
71 (4716)
35 (2316)
143 (8F16)
71 (4716)
47 (2F16)
35 (2316)
23 (1716)
21 (1516)
17 (1116)
11 (0B16)
5 (0516)
2 (0216)
Actual time
(bps)
300.00
600.00
1200.00
2400.00
4800.00
9600.00
14400.00
19200.00
28800.00
31418.18
38400.00
57600.00
115200.00
230400.00
BRGi’s
count source
f64
f16
f16
f16
f2
f2
f2
f2
f2
f2
f2
f2
f2
f2
f(XIN) = 22.1184 MHz
Transfer
rate (bps)
300
600
1200
2400
4800
9600
14400
19200
28800
31250
38400
57600
115200
230400
Table 11.4.4 Setting examples of transfer rate (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com