Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 234 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 234 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 230Page - Renesas Technology Corp 7721 Datasheet HTML 231Page - Renesas Technology Corp 7721 Datasheet HTML 232Page - Renesas Technology Corp 7721 Datasheet HTML 233Page - Renesas Technology Corp 7721 Datasheet HTML 234Page - Renesas Technology Corp 7721 Datasheet HTML 235Page - Renesas Technology Corp 7721 Datasheet HTML 236Page - Renesas Technology Corp 7721 Datasheet HTML 237Page - Renesas Technology Corp 7721 Datasheet HTML 238Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 577 page
background image
7721 Group User’s Manual
11–31
SERIAL I/O
11.4 Clock asynchronous serial I/O (UART) mode
11.4 Clock asynchronous serial I/O (UART) mode
Table 11.4.1 lists the performance overview in the UART mode, and Table 11.4.2 lists the functions of
I/O pins in this mode.
Table 11.4.1 Performance overview in UART mode
Item
Transfer data
format
Transfer rate
Error detection
Start bit
Character bit (Transfer data)
Parity bit
Stop bit
When selecting internal clock
When selecting external clock
Functions
1 bit
7 bits, 8 bits, or 9 bits
0 bit or 1 bit (Odd or even can be selected.)
1 bit or 2 bits
BRGi’s output divided by 16
Maximum 312.5 kbps
4 types (Overrun, Framing, Parity, and Summing)
Presence of error can be detected only by checking error sum flag.
Table 11.4.2 Functions of I/O pins in UART mode
Method of selection
(Cannot be used as a programmable I/O port even when
performing only reception.)
Port P8 direction registerU1’s corresponding bit = “0”
(Can be used as a programmable I/O port when performing
only transmission.)
Internal/External clock select bitU2 = “0”
Internal/External clock select bit = “1”
____ ____
CTS/RTS function select bitU3 = “0”
____ ____
CTS/RTS function select bit = “1”
Pin name
TxDi (P83, P87) (Note 1)
RxDi (P82, P86)
CLKi (P81, P85)
____ ____
CTSi
/RTSi (P80, P84)
(Note 2)
Functions
Serial data output
Serial data input
Programmable I/O port
BRGi’s count source input
____
CTS input
____
RTS output
Port P8 direction registerU1: address 1416
Internal/External clock select bitU2: bit 3 at addresses 3016, 3816
____ ____
CTS/RTS select bitU3: bit 2 at addresses 3416, 3C16
Notes 1: The TxDi pin outputs “H” level while transmission is not performed after selecting UARTi’s operating
mode.
____ ____
2: The CTSi/RTSi pin can be used as an input port when performing only reception and not using
___
___
the RTS function (when selecting CTS function).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com