| Electronic Components Datasheet Search |
|
7721 Datasheet(PDF) 238 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Datasheet(HTML) 238 Page - Renesas Technology Corp |
|
238 / 577 page ![]() 7721 Group User’s Manual 11–35 SERIAL I/O 11.4 Clock asynchronous serial I/O (UART) mode Fig. 11.4.3 Initial setting example for relevant registers when transmitting UART0 baud rate register (BRG0) (Address 3116) UART1 baud rate register (BRG1) (Address 3916 b7 b0 Can be set to 0016 to FF16. Interrupt priority level select bits When using interrupts, set these bits to one of levels 1 to 7. When disabling interrupts, set these bits to level 0. UART0 transmit interrupt control register (Address 7116) UART1 transmit interrupt control register (Address 7316) b7 1 UART0 transmit/receive control register 1 (Address 3516) UART1 transmit/receive control register 1 (Address 3D16) b7 b0 Transmit enable bit 1: Transmission enabled Transmission starts. b0 UART0 transmit buffer register (Addresses 3316, 3216) UART1 transmit buffer register (Addresses 3B16, 3A16) b7 b0 Set transmit data here. UART0 transmit/receive mode register (Address 3016) UART1 transmit/receive mode register (Address 3816) b7 b0 Internal/External clock select bit 0: Internal clock 1: External clock 1 0 0: UART mode (7 bits) 1 0 1: UART mode (8 bits) 1 1 0: UART mode (9 bits) Stop bit length select bit 0: 1 stop bit 1: 2 stop bits Odd/Even parity select bit 0: Odd parity 1: Even parity Parity enable bit 0: Parity disabled 1: Parity enabled Sleep select bit 0: Sleep mode terminated (Invalid) 1: Sleep mode selected 1 b2 b1 b0 UART0 transmit/receive control register 0 (Address 3416) UART1 transmit/receive control register 0 (Address 3C16) b7 b0 BRG count source select bits CTS /RTS select bit 0: CTS function selected 1: RTS function selected (CTS function disabled) 0 0: f2 0 1: f16 1 0: f64 1 1: f512 b1 b0 (In the case of selecting the CTS function, transmission starts when the CTSi pin’s input level is “L.”) b8 b15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |