Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 229Page - Renesas Technology Corp 7721 Datasheet HTML 230Page - Renesas Technology Corp 7721 Datasheet HTML 231Page - Renesas Technology Corp 7721 Datasheet HTML 232Page - Renesas Technology Corp 7721 Datasheet HTML 233Page - Renesas Technology Corp 7721 Datasheet HTML 234Page - Renesas Technology Corp 7721 Datasheet HTML 235Page - Renesas Technology Corp 7721 Datasheet HTML 236Page - Renesas Technology Corp 7721 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–30
11.3 Clock synchronous serial I/O mode
[Precautions for clock synchronous serial I/O mode]
1. The transfer clock is generated by operation of the transmit control circuit. Accordingly, even when
performing only reception, transmit operation (setting for transmission) must be performed. In this case,
dummy data is output from the TxDi pin.
2. When receiving, simultaneously set the receive enable bit and the transmit enable bit to “1.”
3. When receiving data, write dummy data to the low-order byte of the UARTi transmit buffer register for
each reception of 1-byte data.
4. When selecting an external clock, satisfy the following 3 conditions with the input to the CLKi pin = “H”
level.
<When transmitting>
Œ Set the transmit enable bit to “1.”
 Write transmit data to the UARTi transmit buffer register.
____
____
Ž Input “L” level to the CTSi pin (when selecting the CTS function).
<When receiving>
Œ Set the receive enable bit to “1.”
 Set the transmit enable bit to “1.”
Ž Write dummy data to the UARTi transmit buffer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com