Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 298 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 298 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 294Page - Renesas Technology Corp 7721 Datasheet HTML 295Page - Renesas Technology Corp 7721 Datasheet HTML 296Page - Renesas Technology Corp 7721 Datasheet HTML 297Page - Renesas Technology Corp 7721 Datasheet HTML 298Page - Renesas Technology Corp 7721 Datasheet HTML 299Page - Renesas Technology Corp 7721 Datasheet HTML 300Page - Renesas Technology Corp 7721 Datasheet HTML 301Page - Renesas Technology Corp 7721 Datasheet HTML 302Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 577 page
background image
7721 Group User’s Manual
13-19
DMA CONTROLLER
13.3 Control
13.3 Control
The conditions for performing DMA transfer of DMAi (i = 0–3) are as follows:
• Neither a DRAM refresh request nor a Hold request is generated.
• A request of the channel with a higher priority than that of DMAi is not generated; or the request is
disabled though it has been generated.
• DMAi is enabled (DMAi enable bit = “1”).
• A DMAi request is generated (DMAi request bit = “1”).
The control method for each channel is described below.
13.3.1 DMA enabling
Each of DMA channels 0–3 has a DMAi enable bit (bits 4–7 at address 6916). Table 13.3.1 lists the
conditions for changing each DMAi enable bit.
Table 13.3.1 Conditions for changing DMAi enable bit
DMAi enable bit
Conditions for bit change
Is set to “1.”
Is cleared to “0.”
A write of “1” to the DMAi enable bit
• A write of “0” to the DMAi enable bit
• Transfer of an entire batch of data is complete (normal termination).
___
• A change of TC input level from “H” to “L” during a DMA transfer of DMAi (Note)
___
(Forced termination, when TC pin is valid.)
Note: In the burst transfer mode (level sense), however, the term from the DMA transfer start until the
transfer completion of an entire batch of data is applied. (It is also valid while the CPU has the right
to use bus.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com