Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 453Page - Renesas Technology Corp 7906 Datasheet HTML 454Page - Renesas Technology Corp 7906 Datasheet HTML 455Page - Renesas Technology Corp 7906 Datasheet HTML 456Page - Renesas Technology Corp 7906 Datasheet HTML 457Page - Renesas Technology Corp 7906 Datasheet HTML 458Page - Renesas Technology Corp 7906 Datasheet HTML 459Page - Renesas Technology Corp 7906 Datasheet HTML 460Page - Renesas Technology Corp 7906 Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 531 page
background image
APPENDIX
Appendix 5. Hexadecimal instruction code table
7906 Group User’s Manual Rev.2.0
20-52
0
1
2
345
678
9A
B
C
D
E
F
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
000000010010001101000101
0110
0111
1000
1001101010111100110111101111
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
ADC
B,(DIR)
SBC
B,(DIR)
ADC
B,(DIR,X)
SBC
B,(DIR,X)
ADC
B,L(DIR)
SBC
B,L(DIR)
ADC
B,SR
SBC
B,SR
ADC
B,(SR),Y
SBC
B,(SR),Y
ADC
B,(DIR),Y
SBC
B,(DIR),Y
ADC
B,L(DIR),Y
SBC
B,L(DIR),Y
ADC
B,DIR
SBC
B,DIR
ADC
B,DIR,X
SBC
B,DIR,X
ADC
B,ABS,Y
SBC
B,ABS,Y
ADC
B,ABS
SBC
B,ABS
ADC
B,ABS,X
SBC
B,ABS,X
ADC
B,ABL
SBC
B,ABL
ADC
B,ABL,X
SBC
B,ABL,X
D3–D0
D7–D4
INSTRUCTION CODE TABLE 11 (The first word’s code of each instruction is A116)
Hexadecimal
notation
0
1
2
345
67
89A
B
C
D
E
F
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
000000010010001101000101
0110
0111
1000
1001
101010111100110111101111
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
TBD,0
IMP
TBD,1
IMP
TBD,2
IMP
TBD,3
IMP
TDB,0
IMP
TDB,1
IMP
TDB,2
IMP
TDB,3
IMP
TBS
IMP
TSB
IMP
ADC
B,IMM
SBC
B,IMM
ADCB
B,IMM
SBCB
B,IMM
D3–D0
D7–D4
INSTRUCTION CODE TABLE 12 (The first word’s code of each instruction is B116)
Hexadecimal
notation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com