Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 457Page - Renesas Technology Corp 7906 Datasheet HTML 458Page - Renesas Technology Corp 7906 Datasheet HTML 459Page - Renesas Technology Corp 7906 Datasheet HTML 460Page - Renesas Technology Corp 7906 Datasheet HTML 461Page - Renesas Technology Corp 7906 Datasheet HTML 462Page - Renesas Technology Corp 7906 Datasheet HTML 463Page - Renesas Technology Corp 7906 Datasheet HTML 464Page - Renesas Technology Corp 7906 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 531 page
background image
L(DIR), Y
Function
Operation
length (Bit)
Addressing Modes
op n #
IMP
IMM
A
DIR
DIR, X DIR, Y (DIR) (DIR, X) (DIR), Y
Symbol
L(DIR)
op n #
op n #
op n #
op n #
op n # op n # op n #
op n #
op n #
op n #
APPENDIX
Appendix 6. Machine instructions
7906 Group User’s Manual Rev.2.0
20-56
21 12 3
99
11 9 3
29
91 9 3
29
21 10 3
89
A1 12 3
89
7900 Series Machine Instructions
Acc
← | Acc |
ABS
(Note 1)
E1 3 1
81 4 2
E1
31 4 6
1C
21 7 3
9A
21 8 3
9B
21 9 3
90
21 10 3
91
21 10 3
98
21 11 3
92
11 7 3
21
11 6 3
20
2B 4 2
26 1 2
2A 3 2
11 7 3
28
11 8 3
22
91 7 3
21
91 6 3
20
81 5 3
2B
81 2 3
26
81 4 3
2A
91 7 3
28
91 8 3
22
29 1 2
81 2 3
29
16/8
32
16/8
8
16/8
21 8 3
81
21 7 3
80
21 6 3
8B
31 3 3
87
21 5 3
8A
21 8 3
88
21 9 3
82
A1 10 3
81
A1 9 3
80
A1 8 3
8B
B1 3 3
87
A1 7 3
8A
A1 10 3
88
A1 11 3
82
Acc
←Acc + M + C
ADC
(Notes 1 and
2)
E
← | E |
ABSD
AccL
←AccL + IMM8 + C
ADCB
(Note 1)
31 5 2
90
31 3 3
1A
B1 3 3
1A
32
8
AccL
←AccL + IMM8
E
←E + M32 + C
ADD
(Notes 1 and
2)
ADDB
(Note 1)
Acc
←Acc + M
ADCD
11 12 3
99
S
←S + IMM8
ADDS
M8
←M8 + IMM8
ADDMB
M
←M + IMM
E
←E + M32
ADDD
ADDM
(Note 3)
M32
←M32 + IMM32
ADDMD
11 10 3
91
11 9 3
90
9B 7 2
2D 3 5
51 7 4
03
11 10 3
98
11 11 3
92
51 7 4
02
51 10 7
83
31 2 3
0A
9A 6 2
Y
←Y + IMM (IMM = 0 to 31)
ADDX
ADDY
(Note 4)
X
←X + IMM (IMM = 0 to 31)
01 2 2
01 2 2
20
+
imm
32
16/8
8
32
16
16/8
16/8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com