Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 460 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 460 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 456Page - Renesas Technology Corp 7906 Datasheet HTML 457Page - Renesas Technology Corp 7906 Datasheet HTML 458Page - Renesas Technology Corp 7906 Datasheet HTML 459Page - Renesas Technology Corp 7906 Datasheet HTML 460Page - Renesas Technology Corp 7906 Datasheet HTML 461Page - Renesas Technology Corp 7906 Datasheet HTML 462Page - Renesas Technology Corp 7906 Datasheet HTML 463Page - Renesas Technology Corp 7906 Datasheet HTML 464Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 460 / 531 page
background image
APPENDIX
Appendix 6. Machine instructions
7906 Group User’s Manual Rev.2.0
20-55
IMP
IMM
A
DIR
DIR, X
DIR, Y
(DIR)
(DIR, X)
(DIR), Y
L(DIR)
L(DIR), Y
ABS
ABS, X
ABS, Y
ABL
ABL, X
(ABS)
L(ABS)
(ABS, X)
STK
REL
DIR, b, R
ABS, b, R
SR
(SR), Y
BLK
Multiplied
accumulation
op
n
#
C
Z
I
D
x
m
V
N
IPL
+
–
✕
÷
∨
∀
| |
→
←
⇔
Acc
AccH
AccL
A
AH
AL
B
BH
BL
E
EH
EL
X
XH
XL
Y
YH
YL
S
REL
PC
PCH
PCL
PG
DT
DPR0
DPR0H
DPR0L
DPRn
DPRnH
DPRnL
PS
PSH
PSL
PSL(bit n)
M
M(S)
M(bit n)
Mn
IMM
IMMn
IMMH
IMML
ADH
ADM
ADL
EAR
EARH
EARL
imm
immn
dd
i
i1, i2
source
dest
Symbol
Description
Description
Implied addressing mode
Immediate addressing mode
Accumulator addressing mode
Direct addressing mode
Direct indexed X addressing mode
Direct indexed Y addressing mode
Direct indirect addressing mode
Direct indexed X indirect addressing mode
Direct indirect indexed Y addressing mode
Direct indirect long addressing mode
Direct indirect long indexed Y addressing mode
Absolute addressing mode
Absolute indexed X addressing mode
Absolute indexed Y addressing mode
Absolute long addressing mode
Absolute long indexed X addressing mode
Absolute indirect addressing mode
Absolute indirect long addressing mode
Absolute indexed X indirect addressing mode
Stack addressing mode
Relative addressing mode
Direct bit relative addressing mode
Absolute bit relative addressing mode
Stack pointer relative addressing mode
Stack pointer relative indirect indexed Y addressing
mode
Block transfer addressing mode
Multiplied accumulation addressing mode
Instruction code (Op code)
Number of cycles
Number of bytes
Carry flag
Zero flag
Interrupt disable flag
Decimal operation mode flag
Index register length selection flag
Data length selection flag
Overflow flag
Negative flag
Processor interrupt priority level
Addition
Subtraction
Multiplication
Division
Logical AND
Logical OR
Logical exclusive OR
Absolute value
Negation
Movement to the arrow direction
Movement to the arrow direction
Exchange
Accumulator
Accumulator’s high-order 8 bits
Accumulator’s low-order 8 bits
Accumulator A
Accumulator A’s high-order 8 bits
Accumulator A’s low-order 8 bits
Accumulator B
Accumulator B’s high-order 8 bits
Accumulator B’s low-order 8 bits
Accumulator E
Accumulator E’s high-order 16 bits (Accumulator B)
Accumulator E’s low-order 16 bits (Accumulator A)
Index register X
Index register X’s high-order 8 bits
Index register X’s low-order 8 bits
Index register Y
Index register Y’s high-order 8 bits
Index register Y’s low-order 8 bits
Stack pointer
Relative address
Program counter
Program counter’s high-order 8 bits
Program counter’s low-order 8 bits
Program bank register
Data back register
Direct page register 0
Direct page register 0’s high-order 8 bits
Direct page register 0’s low-order 8 bits
Direct page register n
Direct page register n’s high-order 8 bits
Direct page register n’s low-order 8 bits
Processor status register
Processor status register’s high-order 8 bits
Processor status register’s low-order 8 bits
nth bit in processor status register
Contents of memory
Contents of memory at address indicated by stack
pointer
nth bit of memory
n-bit memory’s address or contents
Immediate value (8 bits or 16 bits)
n-bit immediate value
16-bit immediate value’s high-order 8 bits
16-bit immediate value’s low-order 8 bits
Value of 24-bit address’s high-order 8 bits (A23–A16)
Value of 24-bit address’s middle-order 8 bits (A15–A8)
Value of 24-bit address’s low-order 8 bits (A7–A0)
Effective address (16 bits)
Effective address’s high-order 8 bits
Effective address’s low-order 8 bits
8-bit immediate value
n-bit immediate value
Displacement for DPR (8 bits or 16 bits)
Number of transfer bytes, rotation or repeated operations
Number of registers pushed or pulled
Operand to specify transfer source
Operand to specify transfer destination
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com