Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 458 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 458 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 454Page - Renesas Technology Corp 7906 Datasheet HTML 455Page - Renesas Technology Corp 7906 Datasheet HTML 456Page - Renesas Technology Corp 7906 Datasheet HTML 457Page - Renesas Technology Corp 7906 Datasheet HTML 458Page - Renesas Technology Corp 7906 Datasheet HTML 459Page - Renesas Technology Corp 7906 Datasheet HTML 460Page - Renesas Technology Corp 7906 Datasheet HTML 461Page - Renesas Technology Corp 7906 Datasheet HTML 462Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 458 / 531 page
background image
APPENDIX
Appendix 5. Hexadecimal instruction code table
7906 Group User’s Manual Rev.2.0
20-53
012
34
567
89A
B
C
D
E
F
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
00000001001000110100010101100111100010011010
1011110011011110
1111
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
DEBNE
DIR/IMM,REL
ASR,#n
A
ASL,#n
A
ROL,#n
A
LSR,#n
A
ROR,#n
A
D3–D0
D7–D4
INSTRUCTION CODE TABLE 13 (The first word’s code of each instruction is C116)
Hexadecimal
notation
0
123
456
78
9A
B
C
D
E
F
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
000000010010001101000101
0110
0111
10001001
10101011110011011110
1111
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
DEBNE
ABS/IMM,REL
ASRD,#n
E
ASLD,#n
E
ROLD,#n
E
LSRD,#n
E
RORD,#n
E
D3–D0
D7–D4
INSTRUCTION CODE TABLE 14 (The first word’s code of each instruction is D116)
Hexadecimal
notation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com