Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 499 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 499 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 495Page - Renesas Technology Corp 7906 Datasheet HTML 496Page - Renesas Technology Corp 7906 Datasheet HTML 497Page - Renesas Technology Corp 7906 Datasheet HTML 498Page - Renesas Technology Corp 7906 Datasheet HTML 499Page - Renesas Technology Corp 7906 Datasheet HTML 500Page - Renesas Technology Corp 7906 Datasheet HTML 501Page - Renesas Technology Corp 7906 Datasheet HTML 502Page - Renesas Technology Corp 7906 Datasheet HTML 503Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 531 page
background image
APPENDIX
Appendix 6. Machine instructions
7906 Group User’s Manual Rev.2.0
20-94
Notes for machine instructions table
The table lists the minimum number of instruction cycles for each instruction. The number of cycle is
changed by the following condition.
• The value of the low-order bytes of DPR (DPRnL)
The number of cycle of the addressing mode related with DPRn (n = 0 to 3) is applied when DPRn = 0.
When DPRn
≠ 0, add 1 to the number of cycles.
• The number of bytes of instruction which fetched into the instruction queue buffer
• The address at read and write of memory (either even or odd)
• When the external area accessed in BYTE = Vcc level (at external data bus width 8 bits)
• The number of wait
Note 1.
The op code at the upper row is used for accumulator A, and the op code at the lower row is
used for accumulator B.
Note 2.
When handing 16-bit data with flag m = 0 in the immediate addressing mode, add 1 to the numder
of bytes.
Note 3.
When handing 16-bit data with flag m = 0, add 1 to the numder of bytes.
Note 4.
Imm is the immediate value specified with an operand (imm = 0–31).
Note 5.
The op code at the upper row is used for branching in the range of –128 to +127, and the op
code at the lower row is used for branching in the range of –32768 to +32767.
Note 6.
The BRK instruction is a instruction for debugger; it cannot be used.
Note 7.
Any value from 0 through 15 is placed in an “n.”
Note 8.
When handling 16-bit data with flag x = 0 in the immediate addressing mode, add 1 to the numder
of bytes.
Note 9.
The number of cycles is the case of the 16-bit ÷ 8-bit operation. In the case of the 32-bit ÷
16-bit operation, add 8 to the number of cycles.
Note 10. When a zero division interrupt occurs, the number of cycles is 16 cycles. It is regardless of the
data length.
Note 11. When placing a value in any of DPRs, the op code at the upper row is applied. When placing
values to multiple DPRs, the op code at the lower row is applied. The letter “i” represents the
number of DPRn specified: 1 to 4.
Note 12. A “?” indicates to the value of 4 bits which the bit corressing to the specified DPRn becomes “1.”
Note 13. When the source is in the immediate addressing mode and flag m = 0, add n (n = 0 to 15) to
the number of bytes.
Note 14. The number of cycles of the case of the 8-bit ✕ 8-bit operation. In the case of the 16-bit ✕
16-bit operation, add 4 to the number of cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com