Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 502 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 502 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 498Page - Renesas Technology Corp 7906 Datasheet HTML 499Page - Renesas Technology Corp 7906 Datasheet HTML 500Page - Renesas Technology Corp 7906 Datasheet HTML 501Page - Renesas Technology Corp 7906 Datasheet HTML 502Page - Renesas Technology Corp 7906 Datasheet HTML 503Page - Renesas Technology Corp 7906 Datasheet HTML 504Page - Renesas Technology Corp 7906 Datasheet HTML 505Page - Renesas Technology Corp 7906 Datasheet HTML 506Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 531 page
background image
APPENDIX
Appendix 7. Countermeasure against noise
7906 Group User’s Manual Rev.2.0
20-97
(3)
Wiring for MD0 and MD1 pins
Connect MD0 and MD1 pins to the Vss pin (or Vcc pin) with the shortest possible wiring.
Reason:
The processor mode of the
microcomputer is influenced by a
potential at the MD0 and MD1 pins
when the MD0 and MD1 pins and
the Vss pin (or Vcc pin) are
connected.
If the noise causes a potential
difference between the MD0 and
MD1 pins and the Vss pin (or Vcc
pin), the processor mode may
become unstable. This may cause
a microcomputer malfunction or
a program runaway.
Noise
MD0
Vss
M37906
Vss
M37906
Acceptable
Not Acceptable
MD1
MD0
MD1
Fig. 4 Wiring for MD0 and MD1 pins
2. Connection of bypass capacitor between Vss and Vcc lines
Connect an approximate 0.1
µF bypass capacitor as follows:
q Connect a bypass capacitor between the Vss and Vcc pins, at equal lengths.
q The wiring connecting the bypass capacitor between the Vss and Vcc pins should be as short as
possible.
q Use thicker wiring for the Vss and Vcc lines than that for the other signal lines.
Fig. 5 Bypass capacitor between Vss and Vcc lines
Bypass capacitor
Vcc
Vss
M37906
Wiring pattern
Wiring pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com