| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 505 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 505 Page - Renesas Technology Corp |
|
505 / 531 page ![]() APPENDIX Appendix 7. Countermeasure against noise 7906 Group User’s Manual Rev.2.0 20-100 4. Oscillator protection The oscillator, which generates the basic clock for the microcomputer operations, must be protected from the affect of other signals. (1) Distance oscillator from signal lines with large current flows Install the microcomputer, especially the oscillator, as far as possible from signal lines which handle currents larger than the microcomputer current value tolerance. Reason: The microcomputer is used in systems which contain signal lines for controlling motors, LEDs, thermal heads, etc. Noise occurs due to mutual inductance when a large current flows through the signal lines. (2) Distance oscillator from signal lines with frequent potential level changes q Install an oscillator and its wiring pattern away from signal lines where potential levels change frequently. q Do not cross these signal lines over the clock-related or noise-sensitive signal lines. Reason: Signal lines with frequently changing potential levels may affect other signal lines at a rising or falling edge. In particular, if the lines cross over a clock-related signal line, clock waveforms may be deformed, which causes a microcomputer malfunction or a program runaway. XIN XOUT Vss M M37906 Mutual inductance Large current XIN XOUT VSS ❈ Do not cross. M37906 ❈ I/O pin for signal with frequently changing potential levels Fig. 9 Wiring for signal lines where potential levels frequently change (3) Oscillator protection using Vss pattern Print a Vss pattern on the bottom (soldering side) of a double-sided printed circuit board, under the oscillator mount position. Connect the Vss pattern to the Vss pin of the microcomputer with the shortest possible wiring, separating it from other Vss patterns. XIN XOUT Vss An example of Vss pattern on the underside of an oscillator. Mounted pattern example of oscillator unit. Separate Vss lines for oscillation and supply. M37906 Fig. 10 Vss pattern underneath mounted oscillator Fig. 8 Wiring for signal lines where large current flows |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |