Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 503 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 503 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 499Page - Renesas Technology Corp 7906 Datasheet HTML 500Page - Renesas Technology Corp 7906 Datasheet HTML 501Page - Renesas Technology Corp 7906 Datasheet HTML 502Page - Renesas Technology Corp 7906 Datasheet HTML 503Page - Renesas Technology Corp 7906 Datasheet HTML 504Page - Renesas Technology Corp 7906 Datasheet HTML 505Page - Renesas Technology Corp 7906 Datasheet HTML 506Page - Renesas Technology Corp 7906 Datasheet HTML 507Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 531 page
background image
APPENDIX
Appendix 7. Countermeasure against noise
7906 Group User’s Manual Rev.2.0
20-98
3. Wiring for analog input pins, analog power source pins, etc.
(1)
Processing for analog input pins
q Connect a resistor to the analog signal line, which is connected to an analog input pin, in series.
Additionally, connect the resistor to the microcomputer as close as possible.
q Connect a capacitor between the analog input pin and the AVss pin, as close to the AVss pin as
possible.
Reason: A signal which is input to the analog input pin is usually an output signal from a sensor.
The sensor, which detects changes in status, is installed far from the microcomputer’s
printed circuit board. Therefore, this long wiring between them becomes an antenna which
picks up noise and feeds it into the microcomputer’s analog input pin.
If a capacitor between an analog input pin and the AVss pin is grounded far away from the
AVss pin, noise on the GND line may enter the microcomputer through the capacitor.
Fig. 6 Countermeasure example against noise for analog input pin using thermistor
ANi
AVss
Thermistor
Noise
M37906
RI
CI
Reference values
RI : Approximate 100
Ω to 1000 Ω
CI : Approximate 100 pF to 1000 pF
Notes 1: Design an external circuit for the ANi pin so that charge/discharge is available within 1
cycle of
φAD.
2: This resistor and thermistor are used to divide resistance.
(Note 2)
Acceptable
Acceptable
Not
acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com