Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 500 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 500 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 496Page - Renesas Technology Corp 7906 Datasheet HTML 497Page - Renesas Technology Corp 7906 Datasheet HTML 498Page - Renesas Technology Corp 7906 Datasheet HTML 499Page - Renesas Technology Corp 7906 Datasheet HTML 500Page - Renesas Technology Corp 7906 Datasheet HTML 501Page - Renesas Technology Corp 7906 Datasheet HTML 502Page - Renesas Technology Corp 7906 Datasheet HTML 503Page - Renesas Technology Corp 7906 Datasheet HTML 504Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 500 / 531 page
background image
APPENDIX
Appendix 6. Machine instructions
7906 Group User’s Manual Rev.2.0
20-95
Note 15. The number of cycles is the case where the number of bytes to be transferred (i) is even.
When the number of bytes to be transferred (i) is odd, the number is calculated as;
5 ✕ i + 10
Note 16. The number of cycles is the case where the number of bytes to be transferred (i) is even.
When the number of bytes to be transferred (i) is odd, the number is calculated as;
5 ✕ i + 14
Note that it is 10 cycles in the case of 1-byte thanster.
Note 17. i1 is the number of registers to be stored among A, B, X, Y, DPR0, and PS. i2 is the number of
registers to be stored between DT and PG.
Note 18. Letter “i1” indicates the number of registers to be restored.
Note 19. The number of cycles is applied when flag m = “1.” When flag m=“0,” the number is calculated
as;
18 ✕ imm + 5
Note 20. Any value from 0 through 3 is placed in an “n” in op code.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com