Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 299Page - Renesas Technology Corp 7906 Datasheet HTML 300Page - Renesas Technology Corp 7906 Datasheet HTML 301Page - Renesas Technology Corp 7906 Datasheet HTML 302Page - Renesas Technology Corp 7906 Datasheet HTML 303Page - Renesas Technology Corp 7906 Datasheet HTML 304Page - Renesas Technology Corp 7906 Datasheet HTML 305Page - Renesas Technology Corp 7906 Datasheet HTML 306Page - Renesas Technology Corp 7906 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 531 page
background image
A-D CONVERTER
7906 Group User’s Manual Rev.2.0
12-8
12.2 Block description
12.2.2 A-D register i (i = 0 to 4)
Figure 12.2.4 shows the structure of the A-D register i. When the A-D conversion is completed, the conver-
sion result (contents of the successive approximation register) is stored into this register. When the comparator
function is selected, the value to be compared is stored in this register.
Each A-D register i corresponds to an analog input pin (ANi).
Fig. 12.2.4 Structure of A-D register i
Undefined
0
RO
–
Bit
7 to 0
15 to 8
Function
At reset
R/W
Reads an A-D conversion result.
The value is “0” at reading.
b0
b7
A-D register 0 (Addresses 2116, 2016)
A-D register 1 (Addresses 2316, 2216)
A-D register 2 (Addresses 2516, 2416)
A-D register 3 (Addresses 2716, 2616)
A-D register 4 (Addresses 2916, 2816)
b0
b7
(b15)
(b8)
s When 8-bit resolution mode is selected
A-D register 0 (Addresses 2116, 2016)
A-D register 1 (Addresses 2316, 2216)
A-D register 2 (Addresses 2516, 2416)
A-D register 3 (Addresses 2716, 2616)
A-D register 4 (Addresses 2916, 2816)
s When 10-bit resolution mode is selected
Undefined
0
RO
–
9 to 0
15 to 10
Reads an A-D conversion result.
The value is “0” at reading.
b0
b7
b0
b7
(b15)
(b8)
Bit
Function
At reset
R/W
A-D register 0 (Addresses 2116, 2016)
A-D register 1 (Addresses 2316, 2216)
A-D register 2 (Addresses 2516, 2416)
A-D register 3 (Addresses 2716, 2616)
A-D register 4 (Addresses 2916, 2816)
s When comparator function is selected
Undefined
0
RO
–
7 to 0
15 to 8
Any value in the range from “0016” to “FF16” can be set.
The set value is compared with the input voltage. The value is undefined at reading.
The value is “0” at reading.
b0
b7
b0
b7
(b15)
(b8)
Bit
Function
At reset
R/W
Note: When the comparator function is selected, writing to and reading from A-D register i must be performed while the A-D
converter halts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com