Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 41 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 37Page - Texas Instruments TIR2000 Datasheet HTML 38Page - Texas Instruments TIR2000 Datasheet HTML 39Page - Texas Instruments TIR2000 Datasheet HTML 40Page - Texas Instruments TIR2000 Datasheet HTML 41Page - Texas Instruments TIR2000 Datasheet HTML 42Page - Texas Instruments TIR2000 Datasheet HTML 43Page - Texas Instruments TIR2000 Datasheet HTML 44Page - Texas Instruments TIR2000 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 63 page
background image
4–5
4.6
Line Status Register (LSR) – (read only)
Address: 5 (Hex)
MIR, FIR Mode
LSR
Bit No
7
6
5
4
3
2
1
0
Definition
TX empty
Status
FIFO
full
Received last
byte from RX
FIFO
Frame
length
error
PHY
error
CRC error
Status
FIFO
empty
RX FIFO
empty
Default
1
0
0
0
0
0
1
1
Bit definition:
BIT NO.
DESCRIPTIONS
0
Receiver FIFO empty. Bit 0 indicates the empty status of RX FIFO register. When the RX FIFO becomes
empty bit 0 becomes a 1 and when RX FIFO is not empty, it becomes a 0.
1
Port 1 is set to a 1 when the Status FIFO is empty.
2
CRC error. When a bad CRC is detected on data receive, bit 2 is set to 1. Bit 2 is cleared to 0 when the
LSR register is read.
3
PHY error. In FIR mode, bit 3 is set to a 1 when an illegal symbol is received during reception. In the MIR
mode, bit 3 is set to a 1 when an abort pattern (at least 7 consecutive 1’s) is received during reception. Bit
3 is cleared to a 0 when the LSR register is read.
4
Frame–too–long. Bit 4 is set to 1 when a frame exceeding the maximum length (set by RXFLH register and
the RXFLL register) is received. When this error is detected, current frame reception is terminated.
Reception is stopped until the next BOF is detected. Bit 4 is cleared to a 0 when the LSR register is read.
5
Received last byte from FIFO. Bit 5 is set to a 1 when the CPU reads the last byte of a frame. Bit 5 can be
used for software polling to determine the frame boundary. It is cleared to a 0 when the CPU reads the LSR
register.
6
Bit 6 is set to a 1 when the Status FIFO is full.
7
Transmitter empty. When TX FIFO is empty and the transmitter front-end is idle, this bit is set to a 1.
LSR in TV Mode
LSR_TV
Bit No.
7
[6–2]
1
0
Description
TX FIFO empty
Not relevant
TV_IR pulse detected
RX FIFO register empty
Default
1
Always 0
0
1
Bit definition:
BIT NO
DESCRIPTION
0
When bit 0 is a 1, the RX FIFO register is empty. A 0 in bit 0 indicates the RX FIFO register is not empty.
1
When bit 1 is a 1, the valid IR pulse (carrier frequency within programmed range) has been detected. Bit
1 is reset to a 0 when read.
[6–2]
Not relevant
7
When bit 7 is a 1, the TX FIFO register is empty. A 0 in Bit 7 indicates the TX FIFO register is not empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com