Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 50 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 46Page - Texas Instruments TIR2000 Datasheet HTML 47Page - Texas Instruments TIR2000 Datasheet HTML 48Page - Texas Instruments TIR2000 Datasheet HTML 49Page - Texas Instruments TIR2000 Datasheet HTML 50Page - Texas Instruments TIR2000 Datasheet HTML 51Page - Texas Instruments TIR2000 Datasheet HTML 52Page - Texas Instruments TIR2000 Datasheet HTML 53Page - Texas Instruments TIR2000 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
4–14
4.13.3
DMA CHANNEL SELECT REGISTER (DCSR) – (write only)
Address: C (Hex) – Bank 2
Bit No.
7
6
5
4
3
2
1
0
Definition
Status FIFO reset
Enable DRQ
RX DMA channel select
TX DMA channel select
Default
0
0
000
000
Bits [2–0]: TX DMA channel select. Set these bits as shown to select the data transmission DMA channel
for interrupt and acknowledge.
DCSR[2–0]
DMA channel
001
DRQ0/DACK0
010
DRQ1/DACK1
100
DRQ3/DACK3
Bits [5–3]: RX DMA channel select. Set these bits as shown to select the data receive DMA channel for
interrupt and acknowledge.
DCSR[5–3]
DMA channel
001
DRQ0/DACK0
010
DRQ1/DACK1
100
DRQ3/DACK3
NOTE:
The same channel cannot be selected for both data transmission and data receive
at the same time. If selected, the DMA channel output will be disabled (driven to
a high impedance state). For the UART application, where both data transmission
and data receive interrupts are active simultaneously, separate channels have to
be assigned for data transmit and data receive. However for the infrared mode of
operation, where data transmit and data receive are not active at the same time,
a particular channel can be selected alternately for data transmit and data receive.
Bit 6: When bit 6 is set to a 1, it enables the selected DRQ channel.
Bit 7: Status FIFO is reset by writing a 1 to this bit. Bit 7 is self clearing.
4.14 Bank 3 Registers
4.14.1
General Purpose I/O Direction Register (GPIODIR) – (write only)
Address: B (Hex) – Bank 3
Bit no.
7
6
5
4
3
2
1
0
Definition
The corresponding bit is the direction bit for that GPIO terminal. When a 0, the GPIO terminal is an output
and when a 1, the GPIO terminal is an input.
Default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com