Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 48 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 44Page - Texas Instruments TIR2000 Datasheet HTML 45Page - Texas Instruments TIR2000 Datasheet HTML 46Page - Texas Instruments TIR2000 Datasheet HTML 47Page - Texas Instruments TIR2000 Datasheet HTML 48Page - Texas Instruments TIR2000 Datasheet HTML 49Page - Texas Instruments TIR2000 Datasheet HTML 50Page - Texas Instruments TIR2000 Datasheet HTML 51Page - Texas Instruments TIR2000 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 63 page
background image
4–12
Table 4–2. RX Demodulation Carrier Frequency (high range TVCFG[4] bit = 1)
TVDMCG [3–0]
3 2 1 0
TVDMCFG [5–4] = 00
TVDMCFG [5–4] = 01
TVDMCFG [5–4] = 10
TVDMCFG [5–4] = 11
0000
400
±20
±50
±100
±150
0001
450
±20
±50
±100
±150
0010
480
±20
±50
±120
±200
(Freq. In KHz)
4.12.3
TV Modulation Configuration Register (TVMDCFG)
Address: C (Hex) – Bank 1
Bit No.
[7–5]
[4–0]
Description
Carrier pulse duration
Carrier frequency.
Default
000
00000
Table 4–3. TX Modulation Carrier Frequency
FREQUENCY RANGE
TVMDCFG
Bits
4 3 2 1 0
FREQUENCY
(kHz)
TVCFG[2]=0 (low range)
00000
00001
00010
…
11010
other
30
31
32
…
56
invalid
TVCFG[2]=1 (high range)
00000
00001
00010
00011
other
400
450
480
500
invalid
Table 4–4. TX Modulation Carrier Pulse Duration
FREQUENCY RANGE
TVMDCFG
bits
7 6 5
PULSE WIDTH
(
µs)
TVCFG[2]=0 Low Range
000
001
010
011
other
6.0
7.0
9.0
10.6
Invalid
TVCFG[2]=1 High Range
000
001
010
011
other
0.7
0.8
0.9
1.0
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com