Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 26 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 22Page - Texas Instruments TIR2000 Datasheet HTML 23Page - Texas Instruments TIR2000 Datasheet HTML 24Page - Texas Instruments TIR2000 Datasheet HTML 25Page - Texas Instruments TIR2000 Datasheet HTML 26Page - Texas Instruments TIR2000 Datasheet HTML 27Page - Texas Instruments TIR2000 Datasheet HTML 28Page - Texas Instruments TIR2000 Datasheet HTML 29Page - Texas Instruments TIR2000 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
2–14
2.1.6.1
Auto-flow Control (See Figure 2–4)
Auto-flow control is composed of auto-CTS and auto-RTS. With auto-CTS, CTS must be low before the
transmit FIFO register can emit data (see Figure 2–4). With auto-RTS, RTS becomes high when the receiver
is empty or the threshold has not been reached. When RTS is connected to the CTS, data transmission does
not occur unless the receiver FIFO register has empty space. Overrun errors are eliminated when UART1
and UART2 are TIR2000 or other autoflow control devices with enabled flow control. When UART1 and
UART2 are not autoflow control devices with enabled flow control an overrun error occurs if the transmit data
exceeds the data receive FIFO-read capacity.
RCV
FIFO
Serial to
Parallel
Flow
Control
XMT
FIFO
Parallel to
Serial
Flow
Control
SIN
RTS
SOU
T
CTS
D7 – D0
XMT
FIFO
Serial to
Parallel
Flow
Control
RCV
FIFO
Parallel to
Serial
Flow
Control
SOUT
CTS
SIN
RTS
D7 – D0
UART1
UART2
Figure 2–4. Example of Auto-flow Contol (Auto-RTS and Auto-CTS)
2.1.6.2
Auto-RTS (See Figure 2–4)
Auto-RTS data-flow control originates in the receiver timing and control block and is linked to the
programmed RCV-FIFO trigger level. When the receiver FIFO trigger level reaches a trigger level of 1, 4,
8, or 14 in the 16-byte mode or 1, 16, 32, or 56 in the 64-byte mode, RTS is de-asserted. The sending UART
may send an additional byte after the trigger level is reached (assuming the sending device has another byte
to send) because it may not recognize the de-assertion of RTS until after it begins to send the additional
byte. RTS is automatically reasserted when the RX FIFO register is emptied by reading the receiver-buffer
register (RBR). The reassertion signals the sending UART to continue transmitting data.
2.1.6.3
Auto-CTS (See Figure 2–4)
The transmitter circuitry checks CTS before sending the next data byte. If CTS is low, the transmitter sends
the next byte. To stop the transmitter from sending the following byte, CTS must be released before the
middle of the last stop bit that is currently being sent. The auto-CTS function reduces interrupts to the host
system. When the flow control is enabled, the CTS level changes and does not trigger host interrupts
because the device automatically controls its own transmitter. Without auto-CTS, the transmitter sends any
data present in the transmit FIFO register and a receiver overrun error can result.
To enable the auto-RTS and auto-CTS modes of operation bit 5 of the modem-control register must be set
to a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com