Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 52 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 48Page - Texas Instruments TIR2000 Datasheet HTML 49Page - Texas Instruments TIR2000 Datasheet HTML 50Page - Texas Instruments TIR2000 Datasheet HTML 51Page - Texas Instruments TIR2000 Datasheet HTML 52Page - Texas Instruments TIR2000 Datasheet HTML 53Page - Texas Instruments TIR2000 Datasheet HTML 54Page - Texas Instruments TIR2000 Datasheet HTML 55Page - Texas Instruments TIR2000 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
4–16
Table 4–1. TIR 2000 Registers
ADDRESS
REGISTERS
LCR[7] = 0
LCR[7] = 1
0
RBR (R) , THR (W)
DLL
1
IER
DLM
2
IIR (R)
FCR (W)
IIR ( R )
FCR (W)
3
LCR
4
MCR
5
LSR
LSR
6
MSR
7
SCR
MODE
UART, SIR & SHARP
MIR, FIR & TV
ADDRESS
REGISTERS
8
MDR
9
CCR
BANK 0
BANK 1
BANK 2
BANK 3
WR
RD
WR
RD
WR
RD
WR
RD
A
TXFLL
SFLSR
TVCFG
PRESC
IRCFG
B
TXFLH
RESUME
TVDMCFG
ICR
GPIODIR
C
RXFLL
SFREGL
TVMDCFG
DCSR
GPIODAT
D
RXFLH
SFREGH
GPFSR
E
PLR
ACREG
ABDL
F
ACREG
ABDH
CCR [7–6]
00
01
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com