Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 31 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 27Page - Texas Instruments TIR2000 Datasheet HTML 28Page - Texas Instruments TIR2000 Datasheet HTML 29Page - Texas Instruments TIR2000 Datasheet HTML 30Page - Texas Instruments TIR2000 Datasheet HTML 31Page - Texas Instruments TIR2000 Datasheet HTML 32Page - Texas Instruments TIR2000 Datasheet HTML 33Page - Texas Instruments TIR2000 Datasheet HTML 34Page - Texas Instruments TIR2000 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
3–1
3 Register Definitions for the UART, SIR and SHARP Modes
3.1
Receiver-Buffer Register (RBR) – (read only)
The receiver buffer register is used to access the receiver-holding register when the RX FIFO register is
disabled, or the RX FIFO when the RX FIFO is enabled. Address: 0 (hex) – LCR[7] bit should be a 0.
3.2
Transmitter Holding Register (THR) – (write only)
The transmitter holding register is used to access the transmitter (TX) holding register when the TX FIFO
is disabled, or the TX FIFO when the TX FIFO is enabled. Address: 0 (hex) – LCR[7] bit should be a 0.
3.3
Interrupt Enable Register (IER) – (read and write)
Address: 1 (hex) – LCR[7] bit should be a 0.
Bit definitions are as follows:
BIT NO.
DEFAULT
DESCRIPTIONS
0
0
Receiveddata-available interrupt enable (1 = enable, 0 = disable). When set, bit 0 enables
an interrupt when the receiver FIFO is equal to or above its threshold level.
1
0
Transmitter holding-register-empty interrupt enable.
2
0
Receiver line-status interrupt enable.
3
0
Modem-status interrupt enable.
4
0
Not used
5
0
Transmitter underrun interrupt enable
6
0
0
7
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com