Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 58 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 54Page - Texas Instruments TIR2000 Datasheet HTML 55Page - Texas Instruments TIR2000 Datasheet HTML 56Page - Texas Instruments TIR2000 Datasheet HTML 57Page - Texas Instruments TIR2000 Datasheet HTML 58Page - Texas Instruments TIR2000 Datasheet HTML 59Page - Texas Instruments TIR2000 Datasheet HTML 60Page - Texas Instruments TIR2000 Datasheet HTML 61Page - Texas Instruments TIR2000 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 63 page
background image
6–2
6.1
Transceiver Connections
The TIR2000 can be connected to an HP or TI transceiver as shown in Figure 6–2. The HP and TI
transceivers which are pin-to-pin compatible have one transmit pin (TXD) and two receive pins (RXD-A and
RXD-B). TXD pin of the transceiver should be connected to the IRTX pin of TIR2000 device. RXD-A pin of
the transceiver should be connected to the IRRVL pin of the TIR2000 device and is used to receive data
in the slow speed IR and TV mode. RXD-B pin of the transceiver should be connected to the IRRVH pin of
the TIR2000 device and is used to receive data in the medium speed IR, high speed IR and SHARP ASK
modes.
HP/TI XCVR
62
63
64
IRTX
IRRVH
IRRVL
TXD
RXD-B
RXD-A
TIR2000
7
5
8
Figure 6–2. HP/TI Transceiver Connection
The TIR2000 can also be connected to a Temic transceiver as shown in Figure 6–3. Connect TXD pin of
the transceiver to IRTX pin of TIR2000 device. The transceiver has only one RXD pin which is used for both
high speed IR as well as slow speed IR operation. Connect RXD pin of the transceiver to IRRVH and IRRVL
of the TIR2000 device. The SD pin of the transceiver needs to be programmed correctly so that it will operate
properly in high speed IR mode. Follow the programming steps for different modes as described next.
TEMIC XCVR
62
40
64
IRTX
GPIO0
IRRVH
TxD
SD
RxD
TIR2000
7
6
2
IRRVL
63
Figure 6–3. Temic Transceivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com