Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 47 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 43Page - Texas Instruments TIR2000 Datasheet HTML 44Page - Texas Instruments TIR2000 Datasheet HTML 45Page - Texas Instruments TIR2000 Datasheet HTML 46Page - Texas Instruments TIR2000 Datasheet HTML 47Page - Texas Instruments TIR2000 Datasheet HTML 48Page - Texas Instruments TIR2000 Datasheet HTML 49Page - Texas Instruments TIR2000 Datasheet HTML 50Page - Texas Instruments TIR2000 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
4–11
Bit definitions:
BIT NO.
DESCRIPTIONS
0
Bit 0~1: Transmitter modulation mode.
1
00: C_PLS modulation mode
01: 8_PLS modulation mode
10: 6_PLS modulation mode
11: Reserved
2
TX High–speed carrier frequency select
0: 30–56KHz
1: 400–500KHz
3
Receiver internal demodulation disabled.
0: enabled
1: disabled
4
RX High–speed carrier frequency select
0: 30–56KHz
1: 400–500KHz
5
RX sampling mode
0: Programmed T-period
1: Oversampled mode
The oversampled mode is used to catch the snapshot of an incoming signal so as to determine the period
of the carrier signal. The programmed T-period mode is used to receive data at a lower sampling rate
(compared to “oversampled” mode) which matches the bit rate of incoming signal. Thus programmed
T-period reduces the amount of data used to represent the incoming signal. In normal operation, the
“programmed T-period” mode should be chosen.
6
Run length encoding/decoding enable
0: disabled
1: enabled
7
1: Indicate the RX is active
0: RX is inactive
Bit 7 is automatically set when valid infrared pulses are detected
4.12.2
TV Demodulation Configuration Register (TVDMCFG)
Address: B (Hex) – Bank 1
Bit No.
[7–6]
[5–4]
[3–0]
Description
Not used
Delta frequency
Center frequency
Default
00
0000
Table 4–1. RX Demodulation Carrier Frequency (low range TVCFG[4] bit = 0)
TVDMCFG [3–0]
3 2 1 0
TVDMCFG [5–4] = 00
TVDMCFG [5–4] = 01
TVDMCFG [5–4] = 10
TVDMCFG [5–4] = 11
0000
25
±2
±4
±6
±8
0001
30
±2
±4
±6
±10
0010
35
±2
±5
±8
±10
0011
40
±2
±5
±10
±15
0100
45
±2
±8
±15
±20
0101
50
±2
±8
±15
±20
0110
55
±2
±8
±15
±20
0111
60
±2
±10
±15
±25
(Freq. In kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com