Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 16 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 12Page - Texas Instruments TIR2000 Datasheet HTML 13Page - Texas Instruments TIR2000 Datasheet HTML 14Page - Texas Instruments TIR2000 Datasheet HTML 15Page - Texas Instruments TIR2000 Datasheet HTML 16Page - Texas Instruments TIR2000 Datasheet HTML 17Page - Texas Instruments TIR2000 Datasheet HTML 18Page - Texas Instruments TIR2000 Datasheet HTML 19Page - Texas Instruments TIR2000 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
2–4
2.1.1.1.3
1.6-
µs Infrared (IR)-Pulse Select Method
During the MIR and FIR mode of operation, the transmitter sends a 1.6-
µs pulse at least once every 500
ms. The purpose of this special pulse is to inform the slow device (in SIR mode) that the high-speed device
involved in data transaction is currently occupied. When the MDR[6] bit is a 0 (the default value), the
peripheral device in the transmit mode always sends a 1.6-
µs pulse at the end of a transmission frame.
However, when bit MDR[6] is a 1, the transmission of a 1.6-
µs pulse depends on the ACREG[3] bit value.
The CPU keeps a timer and sets the ACREG[3] bit at least once in every 500 ms. When the MDR[6] bit is
a 1, the peripheral device in the transmit mode sends a 1.6-
µs pulse only if the ACREG[3] bit is a 1. The
advantage to this approach over the default value sent-always-1.6-
µs pulse-at-the-end approach is that the
peripheral device in the transmit mode need not send the special 1.6-
µs pulse at the end of every frame.
Sending a 1.6-
µs pulse at the end of every frame may increase overhead, mainly in the MIR mode.
2.1.1.1.4
Data-Transmission Underrun
An underrun during data transmission occurs when the CPU fails to supply the data to the TX FIFO and the
TX FIFO becomes empty before the end of the frame is transmitted. When an underrun occurs, the device
closes the frame with an end-flag but attaches an incorrect CRC value. The receiving device detects the
CRC error and discards the frame. The device sets an internal flag and further transmission of data is
disabled. The CPU must reset the TX FIFO and read the RESUME register. This read operation clears the
internal flag.
2.1.1.2
FIR Data-Receive Mode
The following register programming steps are required to receive data in FIR mode:
1.
Program the mode definition register (MDR) to:
•
Select the FIR mode
•
Enable the low-power mode
•
Disable the sleep mode
2.
Program the RXFLL and RXFLH registers for the receive-frame length value. The maximum
length of a frame is 2048 bytes. The RXFLL register stores the lower eight bits and the RXFLH
register stores the remaining bits. When the intended maximum receive-frame length is n,
program the RXFLH and RXFLL registers to be n + 5.
3.
Reset the RX FIFO. This includes:
•
Write to the LCR register that the LCR[7] bit is a 1. The LCR[7] bit must be a 1 to be able to
write to the FCR[5] bit.
•
Program the FCR register to select 64-/16-bytes of the RX FIFO, the non-DMA/DMA mode of
operation, select the RX FIFO trigger level and to clear the RX FIFO.
•
Write the LCR register to set the LCR[7] bit to a 0 for normal operation.
4.
Program the IER register to enable only the receive related interrupts and disable the remaining
interrupts. Enable the following:
•
RX threshold interrupt (IER[0] bit)
•
The last byte from the RX FIFO interrupt (IER[2] bit)
•
The RX FIFO overrun interrupt (IER[3] bit)
•
The received end of the frame interrupt (IER[7] bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com