Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 37 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 33Page - Texas Instruments TIR2000 Datasheet HTML 34Page - Texas Instruments TIR2000 Datasheet HTML 35Page - Texas Instruments TIR2000 Datasheet HTML 36Page - Texas Instruments TIR2000 Datasheet HTML 37Page - Texas Instruments TIR2000 Datasheet HTML 38Page - Texas Instruments TIR2000 Datasheet HTML 39Page - Texas Instruments TIR2000 Datasheet HTML 40Page - Texas Instruments TIR2000 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
4–1
4 Register Definitions for the MIR, FIR and TV Modes
4.1
Receiver Buffer Register (RBR) – (read only)
Address: 0 (Hex)
LCR[7] bit must be a 0 to read this register. This register is used to read data from the RX FIFO register.
4.2
Transmitter Holding Register (THR) – (write only)
Address: 0 (Hex)
LCR[7] bit must be a 0 to read this register. This register is used to read data from the TX FIFO register.
4.3
Interrupt Enable Register (IER) – (read and write)
Address: 1 (Hex) - LCR[7] bit must be a 0 to access this register.
MIR/FIR (Programmed I/O) Mode
Bit definition:
BIT NO.
DEFAULT
DESCRIPTIONS
0
0
Received–data–available interrupt enable (1 = enable, 0 = disable).
If bit 0 is a 1, it enables an interrupt when the receiver FIFO is equal to or above the set
threshold level.
1
0
Transmitter FIFO below threshold level interrupt enable. If bit 1 is a 1, it enables an interrupt
when the transmitter FIFO is below the set threshold level.
2
0
Last byte from RX FIFO enable. (1 = enable, 0 = disable)
If bit 2 is a 1, it enables an interrupt when the CPU reads the last byte of a frame from the
RX FIFO.
3
0
RX FIFO overrun interrupt enable.
4
0
Write 0
5
0
Transmitter underrun interrupt enable.
6
0
Write 0
7
0
Received end–of–frame interrupt enable.
MIR/FIR (DMA) Mode
Bit definition:
BIT NO.
DEFAULT
DESCRIPTIONS
0
0
Write 0
1
0
Write 0
2
0
Status FIFO time-out interrupt enable. When set to a 1, an interrupt is generated when the
interframe gap between successive frames is 1 ms.
3
0
Write 0
4
0
Status FIFO threshold interrupt enable. When set to a 1, bit 4 enables the Status FIFO
threshold interrupt, i.e. When the Status FIFO level is equal to or above its threshold level,
an interrupt is generated.
5
0
Transmitter underrun interrupt enable.
6
0
DMA terminal count interrupt enable.
7
0
Write 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com