Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 46 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 42Page - Texas Instruments TIR2000 Datasheet HTML 43Page - Texas Instruments TIR2000 Datasheet HTML 44Page - Texas Instruments TIR2000 Datasheet HTML 45Page - Texas Instruments TIR2000 Datasheet HTML 46Page - Texas Instruments TIR2000 Datasheet HTML 47Page - Texas Instruments TIR2000 Datasheet HTML 48Page - Texas Instruments TIR2000 Datasheet HTML 49Page - Texas Instruments TIR2000 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
4–10
4.11.7
Status FIFO Line Status Register (SFLSR) – (read only)
Address A (Hex) – Bank 0
Bit No.
[7–5]
4
3
2
1
0
Definition
Not used
Status FIFO empty
Overrun errors
Frame length error
PHY error
CRC error
Default
1
0
0
0
0
Bit definition:
BIT NO.
DESCRIPTIONS
0
CRC Error . Bit 0 is set to a 1 when a bad CRC is detected on data receive for that particular frame.
1
PHY error. In the FIR mode, bit 1 is set to a 1 when an illegal symbol is received during data reception for
that particular frame. In the MIR mode, bit 1 is set to a 1 when an abort pattern (at least 7 consecutive 1’s)
is received during data reception.
2
Frame-too-long. Bit 2 is set to a 1 when a frame exceeding the maximum length (set by the RXFLH and
RXFLL registers) has been received.
3
Overrun error. Bit 3 is set to a 1 when an overrun in the RXFIFO occurs.
4
Bit 4 is set to a 1 when the Status FIFO is empty. The CPU uses bit 4, not the LSR[1] bit, to determine the
empty status when it receives a Status FIFO threshold interrupt.
4.11.8
Status FIFO Register Low (SFREGL) – (read only)
Address C (Hex), – Bank 0
4.11.9
Status FIFO Register High (SFREGH) – (read only)
Address D (Hex) – Bank 0
The length of each frame is stored in the Status FIFO register. When the CPU executes a read transaction
with address C (Bank 0), status FIFO[7–0] bits are loaded to the bus. When the CPU executes a read
transaction with address D (Bank 0), status FIFO[11–8] bits are loaded to the bus.
4.11.10 Resume Register (RESUME) (read only)
Address B (Hex) – Bank 0
When transmit underrun or receive overrun occurs this register should be read to resume normal operation.
4.12 Bank 1 Registers
4.12.1
TV Configuration Register (TVCFG)
Address: A (Hex) – Bank 1
Bit No.
7
6
5
4
3
2
[1:0]
Description
RX
active
Run
length
coding
enable
0 = programmed
T mode
1 = over-
sampling mode
RX carrier
frequency
range
0 = 30K–56K
1 = 400K–500K
RCVR
internal
demodulation
disable
TX carrier
frequency range
0 = 30K–56K Hz
1 = 400K–500K Hz
Modulation
mode
00 = C_PLS
01 = 8_PLS
10 = 6_PLS
11 = Reserved
Default
0
0
0
0
0
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com