Electronic Components Datasheet Search
  English  ▼

X  

TIR2000 Datasheet(PDF) 54 Page - Texas Instruments

Part # TIR2000
Description  High-Speed Serial Infrared Controller With 64-Byte FIFO
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TIR2000 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TIR2000 Datasheet HTML 50Page - Texas Instruments TIR2000 Datasheet HTML 51Page - Texas Instruments TIR2000 Datasheet HTML 52Page - Texas Instruments TIR2000 Datasheet HTML 53Page - Texas Instruments TIR2000 Datasheet HTML 54Page - Texas Instruments TIR2000 Datasheet HTML 55Page - Texas Instruments TIR2000 Datasheet HTML 56Page - Texas Instruments TIR2000 Datasheet HTML 57Page - Texas Instruments TIR2000 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 63 page
background image
5–2
Standard voltage
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Input voltage, VI
0
VCC
V
High–level input voltage, VIH
0.7 VCC
V
Low–level input voltage, VIL
2 VCC
V
Output voltage, VO (see Note 2)
0
VCC
V
IOH = –12 mA, See Note 4
VCC – 0.8
High-level output current, VOH
IOH = –4 mA, See Note 5
VCC – 0.8
V
IOH = –2 mA, See Note 6
VCC – 0.8
IOL = 12 mA, See Note 4
0.5
Low-level output current, VOL
IOL = 4 mA, See Note 5
0.5
V
IOL = 2 mA, See Note 6
0.5
Input capacitance
pF
Operating free-air temperature, TA
0
25
70
°C
Virtual junction temperature range, TJ (see Note 3)
0
25
70
°C
Oscillator/Clock speed
48
MHz
Clock duty cycle
50
%
Jitter specification
±100
ppm
ICC at FIR mode
3
mA
NOTES:
2. Applies for external output buffers.
3. These junction temperatures reflect simulated conditions. Absolute maximum junction temperature is
150
°C. The customer is responsible for verifying junction temperature.
4. These parameters apply for D7–D0, IRQ3–IRQ15, DRQ0, DRQ1 and DRQ3.
5. These parameters apply for GPIO0–GPIO7, XSOUT, XRTS, XDTR, XIR–TXD.
6. These parameters apply for XOUT.
5.3
System Timings
SYMBOL
PARAMETER
MIN
MAX
UNIT
t(AR)
Valid address to read active
10
ns
t(AW)
Valid address to write active
10
ns
t(DH)
Data hold
5
ns
t(DS)
Data setup
15
ns
t(RA)
Address hold from inactive read
20
ns
t(RD)
Read pulse width
40
ns
t(RDH)
Read data hold
10
ns
t(RVD)
Active read to valid data
35
ns
t(WA)
Address hold from inactive write
10
ns
t(WR)
Write pulse width
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com