Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9548 Datasheet HTML 31Page - Analog Devices AD9548 Datasheet HTML 32Page - Analog Devices AD9548 Datasheet HTML 33Page - Analog Devices AD9548 Datasheet HTML 34Page - Analog Devices AD9548 Datasheet HTML 35Page - Analog Devices AD9548 Datasheet HTML 36Page - Analog Devices AD9548 Datasheet HTML 37Page - Analog Devices AD9548 Datasheet HTML 38Page - Analog Devices AD9548 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
AD9548
Rev. 0 | Page 35 of 112
DDS Phase Offset
The relative phase of the sinusoid generated by the DDS is
numerically controlled by adding a phase offset word to the output
of the DDS accumulator. This is accomplished via the open loop
phase offset register (Address 030D to Address 030E), which is
a programmable 16-bit value (Δphase). The resulting phase offset,
ΔΦ (in radians), is given by
⎟
⎠
⎞
⎜
⎝
⎛ Δ
=
Δ
16
2
2
Φ
phase
π
Phase offset and relative time offset are directly related. The
time offset is (Δphase/216)/fDDS (in seconds), where fDDS is the
output frequency of the DDS (in hertz).
DAC Output
The output of the digital core of the DDS is a time series of
numbers representing a sinusoidal waveform. The DAC
translates the numeric values to an analog signal. The DAC
output signal appears at two pins that constitute a balanced
current source architecture (see Figure 43).
CURRENT
SWITCH
ARRAY
SWITCH
CONTROL
IFS
ISCALE
AVDD3
DACOUTP
DACOUTN
CURRENT
MIRROR
GND
21
22
GND
18
19
CODE
CODE
50
Ω
50
Ω
14
10
IFS (1–
)
214 – 1
CODE
IFS (
)
214 – 1
Figure 43. DAC Output Pins
The value of IFS is programmable via the 10-bit DAC full-scale
current word in the DAC current register (Address 0213 to
Address 0214). The value of the 10-bit word (ISCALE) sets IFS
according to the following formula:
()
()
SCALE
I
16
3
72
μA
120
FS
I
+
×
=
TUNING WORD PROCESSING
The frequency tuning words that dictate the output frequency
of the DDS come from one of three sources (see Figure 44).
•
The free running frequency tuning word register
•
The output of the digital loop filter
•
The output of the tuning word history processor
TUNING WORD
HISTORY
PROCESSOR
TUNING WORD
HISTORY
FREE-RUN
TUNING WORD
TUNING WORD
UPDATE
FROM DIGITAL
LOOP FILTER
TO DDS
TUNING
WORD
ROUTING
CONTROL
TUNING
WORD
CLAMP
LOWER
TUNING
WORD
UPPER
TUNING
WORD
Figure 44. Tuning Word Processing
When the DPLL is in free-run mode, the DDS tuning word is
the value stored in the free running frequency tuning word
register (Address 0300 to Address 0305). When the DPLL is
operating normally (closed loop), the DDS tuning word comes
from the output of the digital loop filter, which changes
dynamically in order to maintain phase lock with the input
reference signal (assuming that the device has not performed an
automatic switch to holdover mode). When the DPLL is in
holdover mode, the DDS tuning word depends on a historical
record of past tuning words during the time that the DPLL
operated in closed-loop mode.
However, regardless of the operating mode, the DDS output
frequency is ultimately subject to the boundary conditions
imposed by the frequency clamp logic, as explained in the
Frequency Clamp section.
Frequency Clamp
The user controls the frequency clamp boundaries via the pull-
in range limits registers (Address 0307 to Address 030C). These
registers allow the user to fix the DDS output frequency
between an upper and lower bound with a granularity of 24 bits.
Note that these upper and lower bounds apply regardless of the
frequency tuning word that appears at the input to the DDS.
The register value relates to the absolute upper or lower
frequency bound (fCLAMP) as
fCLAMP = fS × (N/224)
Where N is the value stored in the upper- or lower-limit
register,and fS is the system sample rate.
Even though the frequency clamp limits put a bound on the
DDS output frequency, the DPLL is still free to steer the DDS
frequency within the clamp limits. The default register values
set the clamp range from 0 Hz (dc) to fS, effectively eliminating
the frequency clamp functionality until the user alters the
register values.
Frequency Tuning Word History
The AD9548 has the ability to track the history of the tuning
word samples generated by the DPLL digital loop filter output.
It does so by periodically computing the average tuning word
value over a user-specified interval. The user programs the
interval via the 24-bit history accumulation timer register
(Address 0318 to Address 031A). This 24-bit value represents
a time interval (TAVG) in milliseconds that extends from 1 ms to
a maximum of 4:39:37.215 (hr:min:sec).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com