Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9548 Datasheet HTML 24Page - Analog Devices AD9548 Datasheet HTML 25Page - Analog Devices AD9548 Datasheet HTML 26Page - Analog Devices AD9548 Datasheet HTML 27Page - Analog Devices AD9548 Datasheet HTML 28Page - Analog Devices AD9548 Datasheet HTML 29Page - Analog Devices AD9548 Datasheet HTML 30Page - Analog Devices AD9548 Datasheet HTML 31Page - Analog Devices AD9548 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 112 page
background image
AD9548
Rev. 0 | Page 28 of 112
DQ
R
0
1
EN
FAULTED
VALID
FORCE VALIDATION
TIMEOUT
REF FAULT
REF MONITOR
BYPASS
REF MONITOR
OVERRIDE
REGISTER CONTROL BITS
REFERENCE VALIDATION LOGIC
(8 COPIES, 1 PER REFERENCE INPUT)
REFERENCE
MONITOR
R
VALIDATION TIMER
TIMEOUT
Figure 34. Reference Validation Override
The main feature to note is that any time faulted = 1, the output
latch is reset, which forces valid = 0 (indicating an invalid refer-
ence) regardless of the state of any other signal. Under the
default condition (that is, all three control bits are 0), the
reference monitor is the primary source of the validation
process. This is because, under the default condition, the ref
fault signal from the reference monitor is identically equal to
the faulted signal.
The function of the faulted signal is fourfold.
•
Any time faulted = 1, then valid = 0, regardless of the state
of any other control signal. Therefore, faulted = 1 indicates
an invalid reference.
•
Any time the faulted signal transitions from 0 to 1 (that is,
from nonfaulted to faulted), the validation timer is
momentarily reset, which means that, once it is enabled, it
must exhaust its full counting sequence before it expires.
•
When faulted = 0 (that is, the reference is not faulted), the
validation timer is allowed to perform its timing sequence.
When faulted = 1 (that is, the reference is faulted), the
validation timer is reset and halted.
•
The faulted signal passes through an inverter, converting it
to a nonfaulted signal, which appears at the input of the
valid latch. This allows the valid latch to capture the state
of the nonfaulted signal when the validation timer expires.
The ref monitor bypass control bit enables bypassing of the ref
fault signal generated by the reference monitor. When ref
monitor bypass = 1, the state of the faulted signal is dictated by
the ref monitor override control bit. This is useful when the
user relies on an external reference monitor rather than the
internal monitor resident in the device. The user programs the
ref monitor override bit based on the status of the external
monitor. On the other hand, when ref monitor bypass = 0, the
ref monitor override control bit allows the user to manually test
the operation of both the valid latch and the validation timer. In
this case, the user relies on the signal generated by the internal
reference monitor (ref fault) but uses the ref monitor override
bit to emulate a faulted reference. That is, when ref monitor
override = 1, then faulted = 1, but when ref monitor override =
0, then faulted = ref fault.
In addition, the user has the ability to emulate a timeout of the
validation timer via the appropriate force validation timeout
control bit in Register 0A0E. Writing a Logic 1 to any of these
autoclearing bits triggers the valid latch, which is identically
equivalent to a timeout of the validation timer.
REFERENCE PROFILES
The AD9548 has eight independent profile registers. A profile
register contains 50 bytes that establish a particular set of device
parameters. Each of the eight input references can be assigned
to any one of the eight profiles (that is, more than one reference
can be assigned to the same profile). The profiles allow the user
to prescribe the specific device functionality that should take
effect when one of the input references (assigned to the profile)
becomes the active reference. Each profile register has the same
format and stores the following device parameters:
•
Reference priority
•
Reference period value (in femtoseconds)
•
Inner tolerance value (1/tolerance)
•
Outer tolerance value (1/tolerance)
•
Validation timer value (milliseconds)
•
Redetect timer value (milliseconds)
•
Digital loop filter coefficients
•
Reference prescaler setting (R-divider)
•
Feedback divider settings (S, U, and V)
•
DPLL phase lock detector threshold level
•
DPLL phase lock detector fill rate
•
DPLL phase lock detector drain rate
•
DPLL frequency lock detector threshold level
•
DPLL frequency lock detector fill rate
•
DPLL frequency lock detector drain rate
Reference-to-Profile Assignment Control
The user can manually assign a reference to a profile or let the
device make the assignment automatically. The manual
reference profile selection register (Address 0503 to Address
0506) is where the user programs whether a reference-to-profile
assignment is manual or automatic. The manual reference
profile selection register is a 4-byte register partitioned into
eight half bytes (or nibbles). The eight nibbles form a one-to-
one correspondence with the eight reference inputs: one nibble
for REF A, the next for REF AA, and so on. For a reference
configured as a differential input, however, the device ignores
the nibble associated with the two-letter input. For example, if



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com