Electronic Components Datasheet Search
  English  ▼

X  

AD9548 Datasheet(PDF) 57 Page - Analog Devices

Part # AD9548
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9548 Datasheet HTML 53Page - Analog Devices AD9548 Datasheet HTML 54Page - Analog Devices AD9548 Datasheet HTML 55Page - Analog Devices AD9548 Datasheet HTML 56Page - Analog Devices AD9548 Datasheet HTML 57Page - Analog Devices AD9548 Datasheet HTML 58Page - Analog Devices AD9548 Datasheet HTML 59Page - Analog Devices AD9548 Datasheet HTML 60Page - Analog Devices AD9548 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 112 page
background image
AD9548
Rev. 0 | Page 57 of 112
Data Transfer Format
Write byte format—the write byte protocol is used to write a register address to the RAM starting from the specified RAM address.
S
Slave
address
W
A
RAM address
high byte
A
RAM address
low byte
A
RAM
Data 0
A
RAM
Data 1
A
RAM
Data 2
A
P
Send byte format—the send byte protocol is used to set up the register address for subsequent reads.
S
Slave address
W
A
RAM address high byte
A
RAM address low byte
A
P
Receive byte format—the receive byte protocol is used to read the data byte(s) from RAM starting from the current address.
S
Slave address
R
A
RAM Data 0
A
RAM Data 1
A
RAM Data 2
A
P
Read byte format—the combined format of the send byte and the receive byte.
S
Slave
Address
W
A
RAM
Address
High Byte
A
RAM
Address
Low Byte
A
Sr
Slave
Address
R
A
RAM
Data
0
A
RAM
Data
1
A
RAM
Data
2
A
P
I²C Serial Port Timing
SSr
P
S
SDA
SCL
tSP
tHD; STA
tSU; STA
tSU; DAT
tHD; DAT
tHD; STA
tHI
tLO
tSU; STO
tBUF
tR
tF
tR
tF
Figure 64. I²C Serial Port Timing
Table 34. I2C Timing Definitions
Parameter
Description
fSCL
Serial clock
tBUF
Bus free time between stop and start conditions
tHD; STA
Repeated hold time start condition
tSU; STA
Repeated start condition setup time
tSU; STO
Stop condition setup time
tHD; DAT
Data hold time
tSU; DAT
Date setup time
tLO
SCL clock low period
tHI
SCL clock high period
tR
Minimum/maximum receive SCL and SDA rise time
tF
Minimum/maximum receive SCL and SDA fall time
tSP
Pulse width of voltage spikes that must be suppressed by the input filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com